Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8J Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # KBU8J
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

KBU8J Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  KBU8J Datasheet HTML 1Page - Diode Semiconductor Korea KBU8J Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
110
100
 
TJ=25
400
100
50
10
0.1
0.2
1.0
10
0.4
2.0
4.0
20
40
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
 
TJ=25
Pulse Width
=300
µS
10
040
60
20
TJ=100
100
120
140
80
TJ=25
.1
1
.01
0
2
4
6
0
MOUNTES ON 4:4 INCH CPUFER
PC BOARD
0.5"(12.7mm) Lead length
8
50
100
150
25
75
125
175
FIG.2 -- MAXIMUM FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
PERCENTOF RATED PEAK REVERSE VOLTAGE
FIG.1 -- TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5 -- TYPICAL JUNCTION CAPACITANCE PER ELEMENT
REVERSE VOLTAGE, VOLTS
KBU8A---KBU8M
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT60HZ
75
100
1
100
175
225
125
150
20
8.3ms Single Half Sine Wave
TJ=125
250
200
2
5
10
50
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - KBU8J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU8J PANJIT-KBU8J Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8J BILIN-KBU8J Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
KBU8J BILIN-KBU8J Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
KBU8J YEASHIN-KBU8J Datasheet
512Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Semtech Corporation
KBU8J SEMTECH-KBU8J Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU8J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com