Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2892D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2892D
Description  CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2892D Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2892D Datasheet HTML 7Page - Texas Instruments UCC2892D Datasheet HTML 8Page - Texas Instruments UCC2892D Datasheet HTML 9Page - Texas Instruments UCC2892D Datasheet HTML 10Page - Texas Instruments UCC2892D Datasheet HTML 11Page - Texas Instruments UCC2892D Datasheet HTML 12Page - Texas Instruments UCC2892D Datasheet HTML 13Page - Texas Instruments UCC2892D Datasheet HTML 14Page - Texas Instruments UCC2892D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542A − OCTOBER 2003 − REVISED JULY 2004
11
www.ti.com
DETAILED PIN DESCRIPTIONS (continued)
OUT (pin 13)
This high-current output drives an external N-channel MOSFET. Each controller in the UCC2891 family uses
active high drive signals for the main switch of the converter.
Due to the high speed and high-drive current capability of these outputs (AUX, OUT) the parasitic inductance
of the external circuit components connected to these pins should be carefully minimized. A potential way of
avoiding unnecessary parasitic inductances in the gate drive circuit is to place the controller in close proximity
to the MOSFETs and by ensuring that the outputs (AUX, OUT) and the gates of the MOSFET devices are
connected by wide, overlapping traces.
VDD (pin 14)
The VDD rail is the primary bias for the internal, high-current gate drivers, the internal 5-V bias regulator and
for parts of the undervoltage lockout circuit. To reduce switching noise on the bias rail, a good quality ceramic
capacitor (CHF) must be placed very closely between the VDD pin and PGND (pin 11) to provide adequate
filtering. The recommended CHF value is 1-µF for most applications but its value might be affected by the
properties of the external MOSFET transistors used in the power stage.
In addition to the low-impedance, high-frequency filtering, the controller’s bias rail requires a larger value energy
storage capacitor (CBIAS) connected parallel to CHF. The energy storage capacitor must provide the hold up time
to operate the UCC2891 family (including gate drive power requirements) during start up. In steady state
operation the controller must be powered from a bootstrap winding off the power transformer or by an auxiliary
bias supply. In case of an independent auxiliary bias supply, the energy storage is provided by the output
capacitance of the bias supply.
LINEUV (pin 15)
This input monitors the incoming power source to provide an accurate undervoltage lockout function with user
programmable hysteresis for the power supply controlled by the UCC2891 family. The unique property of the
UCC2891 family is to use only one pin to implement these functions without sacrificing on performance. The
input voltage of the power supply is scaled to the precise 1.27-V threshold of the undervoltage lockout
comparator by an external resistor divider (RIN1, RIN2). Once the line monitor’s input threshold is exceeded, an
internal current source gets connected to the LINEUV pin. The current generator is programmed by the RDEL
resistor connected to pin 1 of the controller. The actual current level is given as:
I
HYST +
2.5 V
R
DEL
0.05
As this current flows through RIN2 of the input divider, the undervoltage lockout hysteresis is a function of IHYST
and RIN2 allowing accurate programming of the hysteresis of the line monitoring circuit.
For more information on how to program the line monitoring function refer to the Setup Guide of this datasheet.
(7)


Similar Part No. - UCC2892D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2892D TI1-UCC2892D Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2892DG4 TI1-UCC2892DG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2892DR TI1-UCC2892DR Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2892DRG4 TI1-UCC2892DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
More results

Similar Description - UCC2892D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com