Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78618DCQR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78618DCQR
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78618DCQR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS78618DCQR Datasheet HTML 5Page - Texas Instruments TPS78618DCQR Datasheet HTML 6Page - Texas Instruments TPS78618DCQR Datasheet HTML 7Page - Texas Instruments TPS78618DCQR Datasheet HTML 8Page - Texas Instruments TPS78618DCQR Datasheet HTML 9Page - Texas Instruments TPS78618DCQR Datasheet HTML 10Page - Texas Instruments TPS78618DCQR Datasheet HTML 11Page - Texas Instruments TPS78618DCQR Datasheet HTML 12Page - Texas Instruments TPS78618DCQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
GND
EN
NR
IN
OUT
V
IN
V
OUT
0.01
µF
2.2
µF
TPS786xx
1
µF
Board Layout Recommendation to Improve
External Capacitor Requirements
Regulator Mounting
TPS78601, TPS78618
TPS78625, TPS78628
TPS78630, TPS78633
SLVS389D – SEPTEMBER 2002 – REVISED OCTOBER 2004
flow out of the NR pin must be at a minimum,
The TPS786xx family of low-dropout (LDO) regulators
because any leakage current creates an IR drop
has been optimized for use in noise-sensitive equip-
across the internal resistor, thus creating an output
ment. The device features extremely low dropout
error. Therefore, the bypass capacitor must have
voltages, high PSRR, ultralow output noise, low
minimal
leakage
current.
The
bypass
capacitor
quiescent current (265 µA typically), and enable input
should be no more than 0.1-µf to ensure that it is fully
to reduce supply currents to less than 1 µA when the
charged during the quickstart time provided by the
regulator is turned off.
internal switch shown in the functional block diagram.
A typical application circuit is shown in Figure 24.
For example, the TPS78630 exhibits only 48 µVRMS
of output voltage noise using a 0.1-µF ceramic
bypass capacitor and a 10-µF ceramic output capaci-
tor. Note that the output starts up slower as the
bypass capacitance increases due to the RC time
constant at the bypass pin that is created by the
internal 250-k
Ω resistor and external capacitor.
Figure 24. Typical Application Circuit
PSRR and Noise Performance
To improve ac measurements like PSRR, output
noise, and transient response, it is recommended that
A 2.2-µF or larger ceramic input bypass capacitor,
the board be designed with separate ground planes
connected between IN and GND and located close to
for VIN and VOUT, with each ground plane connected
the TPS786xx, is required for stability and improves
only at the ground pin of the device. In addition, the
transient response, noise rejection, and ripple rejec-
ground connection for the bypass capacitor should
tion. A higher-value input capacitor may be necessary
connect directly to the ground pin of the device.
if large, fast-rise-time load transients are anticipated
and the device is located several inches from the
power source.
Like most low dropout regulators, the TPS786xx
The tab of the SOT223-6 package is electrically
requires an output capacitor connected between OUT
connected to ground. For best thermal performance,
and GND to stabilize the internal control loop. The
the tab of the surface-mount version should be
minimum recommended capacitance is 1 µF. Any 1
soldered directly to a circuit-board copper area.
µF or larger ceramic capacitor is suitable.
Increasing the copper area improves heat dissipation.
The internal voltage reference is a key source of
Solder pad footprint recommendations for the devices
noise in an LDO regulator. The TPS786xx has an NR
are presented in an application bulletin Solder Pad
pin which is connected to the voltage reference
Recommendations for Surface-Mount Devices, litera-
through a 250-k
Ω internal resistor. The 250-kΩ
ture number AB-132, available from the TI web site
internal resistor, in conjunction with an external by-
(www.ti.com).
pass capacitor connected to the NR pin, creates a
low pass filter to reduce the voltage reference noise
and, therefore, the noise at the regulator output. In
order for the regulator to operate properly, the current
9


Similar Part No. - TPS78618DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78618DCQR TI-TPS78618DCQR Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQR TI1-TPS78618DCQR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQR TI1-TPS78618DCQR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78618DCQRG4 TI-TPS78618DCQRG4 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQRG4 TI1-TPS78618DCQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS78618DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com