Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2893D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2893D
Description  CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2893D Datasheet(HTML) 1 Page - Texas Instruments

  UCC2893D Datasheet HTML 1Page - Texas Instruments UCC2893D Datasheet HTML 2Page - Texas Instruments UCC2893D Datasheet HTML 3Page - Texas Instruments UCC2893D Datasheet HTML 4Page - Texas Instruments UCC2893D Datasheet HTML 5Page - Texas Instruments UCC2893D Datasheet HTML 6Page - Texas Instruments UCC2893D Datasheet HTML 7Page - Texas Instruments UCC2893D Datasheet HTML 8Page - Texas Instruments UCC2893D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542A − OCTOBER 2003 − REVISED JULY 2004
CURRENT MODE
ACTIVE CLAMP PWM CONTROLLER
1
www.ti.com
FEATURES
D Ideal for Active Clamp/Reset Forward,
Flyback Converters
D Provides Complementary Auxiliary Driver
with Programmable Deadtime (Turn-On
Delay) between AUX and MAIN Switches
D Peak Current-Mode Control with
Cycle-by-Cycle Current Limiting
D 110-V Input Startup Regulator on UCC2891/3
D TrueDrivet 2-A Sink, 2-A Source Outputs
D Accurate Line UV and Line OV Threshold
D Programmable Slope Compensation
D 1.0-MHz Synchronizable Oscillator
D Precise Programmable Maximum Duty Cycle
D Programmable Soft Start
APPLICATIONS
D 150-W to 700-W SMPS
D High-Efficiency, Low EMI/RFI Off-Line or
DC/DC Converters
D Server, 48-V Telecom, Datacom
D High Power Adapter, LCD-TV and PDP-TV
DESCRIPTION
The UCC2891/2/3/4 family of PWM controllers is
designed to simplify implementation of the various
active clamp/reset switching power topologies.
The UCC289x is a peak current-mode, fixed-
frequency, high-performance pulse width modulator.
It includes the logic and the drive capability for the
auxiliary
switch
with
a
simple
method
of
programming the critical delays for proper active
clamp operation.
The UCC2891/3 includes a 110-V start-up
regulator for initial start-up and to provide
keep-alive power during stand-by.
Additional
features
include
an
internal
programmable
slope
compensation
circuit,
precise DMAX limit, and a single resistor
programmable
synchronizable
oscillator.
An
accurate line monitoring function also programs
the converter’s ON and OFF transitions with
regard to the bulk input voltage. Along with the
UCC2897, this UCC289x family allows the power
supply designer to eliminate many of the external
components, reducing the size and complexity of
the design.
CBULK
RCS
UDG−02162
CCLAMP
RF
5
13
12
16
15
1
2
3
RDEL
RTON
RTOFF
SYNC
LINEUV
OUT
AUX
PGND
4
VREF
11
VIN
UCC2891
6
GND
7CS
8
RSLOPE
14
VDD
SS/SD
10
FB
9
SECONDARY
SIDE E/A
Q1
Q2
LOAD
SR
DRIVE
BIAS
WINDING
+VIN
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - UCC2893D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2893D TI1-UCC2893D Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2893DG4 TI1-UCC2893DG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2893DR TI1-UCC2893DR Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2893DRG4 TI1-UCC2893DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
More results

Similar Description - UCC2893D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com