Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIUR-01-471 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIUR-01-471
Description  Mini Drum Core Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-01-471 Datasheet(HTML) 1 Page - Abracon Corporation

  AIUR-01-471 Datasheet HTML 1Page - Abracon Corporation AIUR-01-471 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 01.17.13
Visit www.abracon.com for Terms & Conditions of Sale
PARAMETERS
ABRACON P/N:
AIUR-01 Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
-25°C to + 125°C
Mini Drum Core Inductor
AIUR-01 Series
• Ferrite core with heat shrink tube
• High Reliability
Test Conditions and equipments
7.5 x ϕ8.5 mm
• Switching Power Supplies
• Noise Filtering
• DC to DC Converters
• Electronic Household Appliances
• Buzzers and Alarm Systems
• Television and Audio Equipment
Part Number
AIUR-01-
Inductance Code
Inductance
Tolerance
Q (Min)/
Frequency
DCR
(Max)
Saturation
Current (Max)
SRF (Typ)
Units
μH
%
Ω
mA
MHz
Symbol
L
K
DCR
Isat
AIUR-01-101
100
K
10/796KHz
2
200
6.1
AIUR-01-121
120
K
10/796KHz
3
200
5.5
AIUR-01-151
150
K
10/796KHz
3
200
5.0
AIUR-01-181
180
K
10/796KHz
3
200
4.7
AIUR-01-221
220
K
10/796KHz
3
150
4.5
AIUR-01-271
270
K
10/796KHz
3
150
4.1
AIUR-01-331
330
K
10/796KHz
4
150
4.8
AIUR-01-391
390
K
10/796KHz
4
100
3.5
AIUR-01-471
470
K
10/796KHz
5
100
3.2
AIUR-01-561
560
K
10/796KHz
6
100
2.0
AIUR-01-681
680
K
10/796KHz
6
100
2.7
AIUR-01-821
820
K
10/796KHz
7
50
2.1
AIUR-01-102
1000
K
10/252KHz
9
50
2.5
AIUR-01-122
1200
K
10/252KHz
9
50
1.9
AIUR-01-152
1500
K
10/252KHz
11
50
1.8
AIUR-01-182
1800
K
10/252KHz
12
50
1.6
AIUR-01-222
2200
K
10/252KHz
14
50
1.5
AIUR-01-272
2700
K
10/252KHz
15
50
1.4
AIUR-01-332
3300
K
10/252KHz
25
40
0.9
AIUR-01-392
3900
K
10/252KHz
30
40
0.9
AIUR-01-472
4700
K
10/252KHz
32
40
0.8
AIUR-01-562
5600
K
10/252KHz
36
30
0.7
AIUR-01-682
6800
K
10/252KHz
40
30
0.7
AIUR-01-822
8200
K
10/252KHz
45
30
0.6
AIUR-01-103
10000
K
10/79.6KHz
55
20
0.6
AIUR-01-123
12000
K
10/79.6KHz
65
20
0.5
AIUR-01-153
15000
K
10/79.6KHz
80
20
0.5
L Test frequency: 100KHz 0.1Vrms
DCR: QuadTech Milliohmmeter
Isat: 10% inductance drops from initial value
RoHS/RoHS II Compliant


Similar Part No. - AIUR-01-471

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-01 ABRACON-AIUR-01 Datasheet
55Kb / 1P
   THRU-HOLE POWER INDUCTORS
More results

Similar Description - AIUR-01-471

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-02H_SERIES ABRACON-AIUR-02H_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
08.04.14
AIUR-03_SERIES ABRACON-AIUR-03_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
04.24.13
AIUR-02H-102K ABRACON-AIUR-02H-102K Datasheet
1Mb / 2P
   Mini Drum Core Inductor
04.15.14
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1253 FILTRAN-CBP1253 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
logo
Pulse A Technitrol Comp...
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com