Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIUR-16-5R6 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIUR-16-5R6
Description  Unshielded Radial Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-16-5R6 Datasheet(HTML) 2 Page - Abracon Corporation

  AIUR-16-5R6 Datasheet HTML 1Page - Abracon Corporation AIUR-16-5R6 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.26.12
Visit www.abracon.com for Terms & Conditions of Sale
AIUR-16 Series
9.50 x ϕ7.00mm
Unshielded Radial Power Inductor
PART NUMBER IDENTIFICATION
PART NUMBER IDENTIFICATION
Packaging 200pcs/box
0.118±0.020
3.00±0.50
Pb RoHS/RoHS II compliant
Part Number
AIUR-16-
Inductance Code
Inductance
Tolerance
DCR (Max)
Saturation
Current
(Max)
Temperature
Rise Current
(Max)
Marking
Units
μH
%
Ω
A
A
Symbol
L
DCR
Isat
Irms
AIUR-16-822
8200
K
20.00
0.057
0.060
822K
AIUR-16-103
10000
K
27.00
0.053
0.046
103K
AIUR-16-123
12000
K
31.00
0.047
0.046
123K
AIUR-16-153
15000
K
45.00
0.043
0.036
153K
AIUR-16-183
18000
K
51.00
0.038
0.036
183K
AIUR-16-223
22000
K
60.00
0.035
0.030
223K
AIUR-16-273
27000
K
66.00
0.033
0.030
273K
AIUR-16-333
33000
K
100.0
0.029
0.030
333K
Test Conditions and equipments
Test frequency: 10kHz, 0.1Vrms
DCR: QuadTech Milliohmmeter
Isat: 5% typical inductance drops from initial value
Irms: ΔT of 30oC max.
AIUR-16-
Inductance Code
Please refer to the
Electrical Spec Table
Tolerance
K: ±10%
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.


Similar Part No. - AIUR-16-5R6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-16 ABRACON-AIUR-16 Datasheet
78Kb / 1P
   THRU-HOLE POWER INDUCTORS
More results

Similar Description - AIUR-16-5R6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-05_SERIES ABRACON-AIUR-05_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-06_SERIES ABRACON-AIUR-06_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
05.25.2016
AIUR-07_SERIES ABRACON-AIUR-07_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-11_SERIES ABRACON-AIUR-11_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
09.28.12
AIUR-12_SERIES ABRACON-AIUR-12_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
10.06.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com