Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIUR-04-822 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIUR-04-822
Description  Unshielded Radial Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-04-822 Datasheet(HTML) 1 Page - Abracon Corporation

  AIUR-04-822 Datasheet HTML 1Page - Abracon Corporation AIUR-04-822 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.24.13
Visit www.abracon.com for Terms & Conditions of Sale
PARAMETERS
ABRACON P/N:
AIUR-04 Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
-25°C to + 125°C
AIUR-04 Series
• Ferrite core with heat shrink tube
• High Reliability
Test Conditions and equipments
11.2 x ϕ8.5 mm
• Switching Power Supplies
• Noise Filtering
• DC to DC Converters
• Electronic Household Appliances
• Buzzers and Alarm Systems
• Television and Audio Equipment
Unshielded Radial Power Inductor
Pb RoHS/RoHS II Compliant
Part Number
Inductance
Tolerance
Q (Typ)
Test
Frequency
DCR (Max)
Saturation
Current
(Max)
Temperature
Rise Current
(Max)
SRF (Min)
Inductance
Code
Units
μH
%
kHz
Ω
mA
mA
MHz
Symbol
L
J
DCR
Isat
IDC
AIUR-04-101
100
J
30
796
2
200
200
5.3
101J
AIUR-04-121
120
J
30
796
2
200
200
4.5
121J
AIUR-04-151
150
J
30
796
2
200
200
3.8
151J
AIUR-04-181
180
J
30
796
3
200
200
3.3
181J
AIUR-04-221
220
J
30
796
3
200
200
2.9
221J
AIUR-04-271
270
J
30
796
3
200
200
2.6
271J
AIUR-04-331
330
J
30
796
4
200
200
2.3
331J
AIUR-04-391
390
J
30
796
4
200
200
2.1
391J
AIUR-04-471
470
J
30
796
4
200
200
1.9
471J
AIUR-04-561
560
J
30
796
4
200
200
1.7
561J
AIUR-04-681
680
J
30
796
4
200
200
1.6
681J
AIUR-04-821
820
J
30
796
6
200
200
1.4
821J
AIUR-04-102
1000
J
40
252
6
150
150
1.3
102J
AIUR-04-122
1200
J
40
252
9
150
150
1.2
122J
AIUR-04-152
1500
J
40
252
9
150
150
1.1
152J
AIUR-04-182
1800
J
40
252
9
100
100
1.0
182J
AIUR-04-222
2200
J
40
252
13
100
100
0.9
222J
AIUR-04-272
2700
J
40
252
13
100
100
0.8
272J
AIUR-04-332
3300
J
40
252
13
100
100
0.7
332J
AIUR-04-392
3900
J
40
252
13
50
50
0.7
392J
AIUR-04-472
4700
J
40
252
18
50
50
0.6
472J
AIUR-04-562
5600
J
40
252
18
50
50
0.6
562J
AIUR-04-682
6800
J
40
252
26
50
50
0.5
682J
AIUR-04-822
8200
J
40
252
26
50
50
0.5
822J
AIUR-04-103
10000
J
40
79.6
40
40
40
0.4
103J
AIUR-04-123
12000
J
40
79.6
40
40
40
0.4
123J
AIUR-04-153
15000
J
40
79.6
60
40
40
0.4
153J
AIUR-04-183
18000
J
40
79.6
60
30
30
0.3
183J
AIUR-04-223
22000
J
40
79.6
80
30
30
0.3
223J
AIUR-04-273
27000
J
40
79.6
80
30
30
0.3
273J
DCR: QuadTech Milliohmmeter
Isat: 10% inductance drops from initial value
IDC: The DC current at which the temperature rise is 40oC max


Similar Part No. - AIUR-04-822

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-04 ABRACON-AIUR-04 Datasheet
55Kb / 1P
   THRU-HOLE POWER INDUCTORS
More results

Similar Description - AIUR-04-822

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-16_SERIES ABRACON-AIUR-16_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
07.26.12
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-05_SERIES ABRACON-AIUR-05_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-06_SERIES ABRACON-AIUR-06_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
05.25.2016
AIUR-07_SERIES ABRACON-AIUR-07_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-11_SERIES ABRACON-AIUR-11_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
09.28.12
AIUR-12_SERIES ABRACON-AIUR-12_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
10.06.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com