Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HCT74 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT74
Description  Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT74 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HCT74 Datasheet HTML 1Page - Texas Instruments CD54HCT74 Datasheet HTML 2Page - Texas Instruments CD54HCT74 Datasheet HTML 3Page - Texas Instruments CD54HCT74 Datasheet HTML 4Page - Texas Instruments CD54HCT74 Datasheet HTML 5Page - Texas Instruments CD54HCT74 Datasheet HTML 6Page - Texas Instruments CD54HCT74 Datasheet HTML 7Page - Texas Instruments CD54HCT74 Datasheet HTML 8Page - Texas Instruments CD54HCT74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Hold Time (Figure 5)
tH
-2
3
-
-
3
-
3
-
ns
4.5
3
-
-
3
-
3
-
ns
6
3
-
-
3-3-
ns
Removal Time R, S, to CP
(Figure 5)
tREM
-
2
30
-
-
40
-
45
-
ns
4.5
6
-
-
8
-
9
-
ns
6
5
-
-
7-8-
ns
Pulse Width R, S (Figure 1)
tW
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Pulse Width CP (Figure 1)
tW
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
CP Frequency
fMAX
-
2
6
-
-
5
-
4
-
MHz
4.5
30
-
-
25
-
20
-
MHz
6
35
-
-
29
-
23
-
MHz
HCT TYPES
Data to CP Setup Time
(Figure 6)
tSU
-
4.5
12
-
-
15
-
18
-
ns
Hold Time (Figure 6)
tH
-
4.5
3
-
-
3
-
3
-
ns
Removal Time R, S, to CP
(Figure 6)
tREM
-
4.5
6
-
-
8
-
9
-
ns
Pulse Width R, S (Figure 2)
tW
-
4.5
16
-
-
20
-
24
-
ns
Pulse Width CP (Figure 2)
tW
-
4.5
18
-
-
23
-
27
-
ns
CP Frequency
fMAX
-
4.5
25
-
-
20
-
16
-
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
CP to Q, Q (Figure 3)
tPLH, tPHL CL = 50pF
2
-
-
175
-
220
-
265
ns
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
----
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
Propagation Delay,
R, S to Q, Q (Figure 3)
tPLH, tPHL CL = 50pF
2
-
-
200
-
250
-
300
ns
CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
5
-
17
-
----
ns
CL = 50pF
6
-
-
34
-
43
-
51
ns
Transition Time (Figure 3)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
CL = 50pF
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC74, CD74HC74, CD54HCT74, CD74HCT74


Similar Part No. - CD54HCT74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT74 TI1-CD54HCT74 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
CD54HCT74-MIL TI1-CD54HCT74-MIL Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
CD54HCT74F TI1-CD54HCT74F Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
CD54HCT74F3A TI1-CD54HCT74F3A Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
More results

Similar Description - CD54HCT74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
Unisonic Technologies
U74HC74 UTC-U74HC74 Datasheet
123Kb / 5P
   DUAL D FLIP-FLOP WITH SET AND RESET,POSITIVE-EDGEN TRIGGER
logo
Nexperia B.V. All right...
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com