Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B260034 Datasheet(PDF) 1 Page - E-SWITCH

Part # B260034
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B260034 Datasheet(HTML) 1 Page - E-SWITCH

  B260034 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1220R2BBBNN
3:1
3/16/2016
B260034
A
MW
1
1
1
2
4
P.C.B. LAYOUT
3
A
22202
RELEASE FOR PRODUCTION
3/18/16
MW
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 180 50gf
7. TRAVEL: 0.2 0.1mm
8. OPERATING TEMPERATURE: -40 C to 85 C
9. OPEREATING LIFE: 500,000 CYCLES
10.
DENOTES CRITICAL PARAMETERS
11. 2002/95/EC (ROHS) COMPLIANT
12. TERMINAL NUMBERS FOR REFERENCE ONLY
13. PARTS TO BE PACKAGED 100 PARTS PER TRAY.
8.00
[.315 in]
10.00
[.394 in]
5.50
[.217 in]
8.50
[.335 in]
1.40
[.055 in]
.40
[.016 in]
3.50
[.138 in]
.30
[.012 in]
5.08
[.200 in]
.70
[.028 in]
5.08
[.200 in]
6.00
[.24 in]
7.60
[.30 in]
2
4
BLACK
BUTTON
BLACK
BEZEL
3
4
4
2
1
CIRCUIT: SPST
3
2.54
[.100 in]
5.08
[.200 in]
5.08
[.200 in]
1.00
[.039 in]
LOCATING PIN
4
2
1
3


Similar Part No. - B260034

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B260030 E-SWITCH-B260030 Datasheet
168Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B260031 E-SWITCH-B260031 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B260032 E-SWITCH-B260032 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B260033 E-SWITCH-B260033 Datasheet
171Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B260035 E-SWITCH-B260035 Datasheet
161Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B260034

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com