Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29002 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC29002
Description  Advanced 8-Pin Load-Share Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC29002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC29002_16 Datasheet HTML 7Page - Texas Instruments UCC29002_16 Datasheet HTML 8Page - Texas Instruments UCC29002_16 Datasheet HTML 9Page - Texas Instruments UCC29002_16 Datasheet HTML 10Page - Texas Instruments UCC29002_16 Datasheet HTML 11Page - Texas Instruments UCC29002_16 Datasheet HTML 12Page - Texas Instruments UCC29002_16 Datasheet HTML 13Page - Texas Instruments UCC29002_16 Datasheet HTML 14Page - Texas Instruments UCC29002_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Copyright © 2016, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
CS−
CS+
VDD
GND
CSO
LS
EAO
ADJ
C
COMP
R
COMP
UCC39002
C
BIAS
R
BIAS1
R
SHUNT
R
ADJ
LOAD
SNS−
VOUT−
SNS+
VOUT+
LS BUS
TO OTHER
UCC39002
DEVICES
LOAD CURRENT DIRECTION
SYSTEM
GROUND
POWER SUPPLY
OUTPUT
POWER SUPPLY
OUTPUT
R
BIAS2
11
UCC29002, UCC29002-1, UCC39002
www.ti.com
SLUS495I – SEPTEMBER 2001 – REVISED MAY 2016
Product Folder Links: UCC29002 UCC39002
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 5. High Voltage Application
The following is a practical step-by-step design procedure on how to use the UCC39002 to parallel power
modules for load sharing.
7.3.10 Paralleling the Power Modules
VOUT = nominal output voltage of the modules to be paralleled
IOUT(max) = maximum output current of each module to be paralleled
ΔVADJ = maximum output voltage adjustment range of the power modules to be paralleled
N = number of modules
NOTE
The power modules to be paralleled must be equipped with true remote sense or access
to the feedback divider of the module’s error amplifier.
A typical high side application for a single module is shown in Figure 6 and is repeated for each module to be
paralleled.


Similar Part No. - UCC29002_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002-1 TI1-UCC29002-1 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D1 TI-UCC29002D1 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D1 TI-UCC29002D1 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D1G4 TI-UCC29002D1G4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D1G4 TI-UCC29002D1G4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
More results

Similar Description - UCC29002_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com