Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29002DGKG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC29002DGKG4
Description  Advanced 8-Pin Load-Share Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC29002DGKG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC29002DGKG4 Datasheet HTML 6Page - Texas Instruments UCC29002DGKG4 Datasheet HTML 7Page - Texas Instruments UCC29002DGKG4 Datasheet HTML 8Page - Texas Instruments UCC29002DGKG4 Datasheet HTML 9Page - Texas Instruments UCC29002DGKG4 Datasheet HTML 10Page - Texas Instruments UCC29002DGKG4 Datasheet HTML 11Page - Texas Instruments UCC29002DGKG4 Datasheet HTML 12Page - Texas Instruments UCC29002DGKG4 Datasheet HTML 13Page - Texas Instruments UCC29002DGKG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
4
GND
3
VDD
+
Bias_OK
VBIAS
(Internal Bias)
14.2 V
4.375 V
10
UCC29002, UCC29002-1, UCC39002
SLUS495I – SEPTEMBER 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: UCC29002 UCC39002
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Feature Description (continued)
In case of a fault shorting the load share bus to ground or to the bias of the UCC39002 the load share bus driver
and the adjust amplifiers are disabled. The same action takes place when the UCC39002 is disabled using the
CS+ and CS
− pins or when the bias voltage is below the minimum operating voltage.
7.3.9 Bias and Bias OK Circuit (VDD)
The UCC39002 is built on a 15-V, high-performance BiCMOS process. Therefore, the maximum voltage across
the VDD and GND pins (pin 3 and 4 respectively) is limited to 15 V. The recommended maximum operating
voltage is 13.5 V which corresponds to the tolerance of the on-board 14.2-V Zener clamp circuit. In case the bias
voltage could exceed the 13.5-V limit, the UCC39002 should be powered through a current limiting resistor. The
current into the VDD pin must be limited to 10 mA as listed in Absolute Maximum Ratings.
The bypass capacitor for VDD is also the compensation for the input active clamp of the device and, as such,
must be placed as close to the device pins (VDD and GND) as possible, using a good-quality, low-ESL capacitor,
including trace length. The device is optimized for a capacitor value of 0.1 µF to 1 µF.
Figure 4. VDD Clamp and Bias Monitor
The UCC39002 does not have an undervoltage lockout circuit. The bias OK comparator works as an enable
function with a 4.375-V threshold. While VDD < 4.375 V the load share control functions are disabled. While this
might be inconvenient for some low voltage applications it is necessary to ensure high accuracy. The load share
accuracy is dependent on working with relatively large signal amplitudes on the load share bus. If the internal
offsets, current sense error and ground potential difference between the UCC39002 controllers are comparable
in amplitude to the load share bus voltage, they can cause significant current distribution error in the system. The
maximum voltage on the load share bus is limited approximately 1.7 V below the bias voltage level (VDD) which
would result in an unacceptably low load share bus amplitude therefore poor accuracy at low VDD levels. To
circumvent this potential design problem, the UCC39002 does not operate below the above mentioned 4.375-V
bias voltage threshold. If the system does not have a suitable bias voltage available to power the UCC39002, TI
recommends using an inexpensive charge pump which can generate the bias voltage for all the UCC39002s in
the load share system.
The maximum VDD of the UCC39002 is 15 V. For higher-voltage applications, use the application solution as
recommended in Figure 5. A Zener clamp on the VDD pin is provided internally so the device can be powered
from higher voltage rails using a minimum number of external components.
The CSA inputs must be adjusted so as to not exceed their absolute maximum voltage ratings.


Similar Part No. - UCC29002DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DGKG4 TI-UCC29002DGKG4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DGKG4 TI-UCC29002DGKG4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
More results

Similar Description - UCC29002DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com