Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29002DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29002DR
Description  Advanced 8-Pin Load-Share Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC29002DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC29002DR Datasheet HTML 3Page - Texas Instruments UCC29002DR Datasheet HTML 4Page - Texas Instruments UCC29002DR Datasheet HTML 5Page - Texas Instruments UCC29002DR Datasheet HTML 6Page - Texas Instruments UCC29002DR Datasheet HTML 7Page - Texas Instruments UCC29002DR Datasheet HTML 8Page - Texas Instruments UCC29002DR Datasheet HTML 9Page - Texas Instruments UCC29002DR Datasheet HTML 10Page - Texas Instruments UCC29002DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
500Ω
100 kΩ
1
CS−
2
CS+
3
VDD
4
GND
13.5 V
to
15 V
+
Enable
and
Bias OK
+
Disconnect Switch
gM
+
3 V
+
8 CSO
7 LS
6 EAO
5 ADJ
Load Share
Bus Driver
+
3 V
Load Share Bus
Receiver
VBIAS
Fault
Protection
Error Amp
Adjust Amp
Current Sense
Amp
Start Up
and
Adjust
Logic
Copyright © 2016, Texas Instruments Incorporated
7
UCC29002, UCC29002-1, UCC39002
www.ti.com
SLUS495I – SEPTEMBER 2001 – REVISED MAY 2016
Product Folder Links: UCC29002 UCC39002
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The UCC39002 is an advanced, high-performance, low-cost load-share controller that provides all the necessary
functions to parallel multiple independent power supplies and modules. The UCC39002 can easily parallel
currently available and popular synchronous buck converters, such as those designed with the TPS40050
controller.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Differential Current Sense Amplifier (CS+, CS
−, CSO)
The UCC39002 features a high-gain and high-precision amplifier to measure the voltage across a low-value
current sense resistor. Because the amplifier is fully uncommitted, the current sense gain is user programmable.
The extremely low input offset voltage of the UCC39002 current sense amplifier makes it suitable to measure
current information across a low value sense resistor. Furthermore, the input common mode range includes
ground and the positive supply rail of the UCC39002 (VDD). Accordingly, the current sense resistor can be placed
in the ground return path or in the positive output rail of the power supply VO as long as VO ≤ VDD. The current
sense amplifier is not unity gain stable and must have a minimum gain of three.
7.3.2 Load Share Bus Driver Amplifier (CSO)
This is a unity-gain buffer amplifier to provide separation between the load share bus voltage and the output of
the current sense amplifier. The circuit implements an ideal diode with virtually 0-V forward voltage drop by
placing the diode inside the feedback loop of the amplifier. The diode function is used to automatically establish
the role of the master module in the system. The UCC39002 which is assigned to be the master uses the load
share bus driver amplifier to copy its output current information on to the load share bus.


Similar Part No. - UCC29002DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI1-UCC29002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DR-1 TI1-UCC29002DR-1 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002DR1 TI-UCC29002DR1 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
More results

Similar Description - UCC29002DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com