Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39421PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC39421PW
Description  MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC39421PW Datasheet(HTML) 4 Page - Texas Instruments

  UCC39421PW Datasheet HTML 1Page - Texas Instruments UCC39421PW Datasheet HTML 2Page - Texas Instruments UCC39421PW Datasheet HTML 3Page - Texas Instruments UCC39421PW Datasheet HTML 4Page - Texas Instruments UCC39421PW Datasheet HTML 5Page - Texas Instruments UCC39421PW Datasheet HTML 6Page - Texas Instruments UCC39421PW Datasheet HTML 7Page - Texas Instruments UCC39421PW Datasheet HTML 8Page - Texas Instruments UCC39421PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = −40°C to
85
°C for the UCC2942x, 0°C to 70°C for the UCC3942x, RT = 100 kΩ, VVPUMP = 6 V, VVIN = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense Section
Gain
8
10
11
V/V
Overcurrent limit threshold
120
150
190
mV
Unity gain bandwidth
See Note 1
25
MHz
COMP voltage to ISENSE accuracy
ISENSE = 70 mV
0.83
1.00
1.23
V
PWM Section
Maximum duty cycle
VISENSE = 0 V,
VFB = 0 V
80
88
%
Minimum duty cycle
VFB = 1.5 V
0
%
Low power mode VCOMP threshold
At COMP pin
0.53
0.60
0.67
V
Slope compensation accuracy
RT = 350 kΩ,
RSLOPE = 20 kΩ
1.4
2.8
4.0
A/s
Rectifier zero current threshold
RSEL = GND
–2
15
30
mV
Rectifier zero current threshold
RSEL = VIN
–28
–15
2
mV
RSEL threshold
0.5
0.9
1.3
V
PFM Section
PFM disable threshold
0.17
0.22
0.27
V
Comp hold during sleep
VPFM = 0.4 V
0.40
0.47
0.65
V
Startup delay after sleep
VFB < 1.23 V
4
9
µs
FB voltage to sleep off
1.185
1.220
1.245
V
VGSW Drive Section
Rise time
CO = 1 nF
18
35
ns
Fall time
CO = 1 nF
14
30
ns
Output high
IOUT = –100 mA,
Respect to VPUMP
0.4
0.65
V
Output high
IOUT = –1 mA,
Respect to VPUMP
4
10
mV
Output low
IOUT = 100 mA
0.2
0.35
V
Output low
IOUT = 1 mA
2
6
mV
Charge off to rectifier on delay
10
40
65
ns
RECT Drive Section
Rise time
CO = 1 nF
20
40
ns
Fall time
CO = 1 nF
14
30
ns
Output high
IOUT = –100 mA,
Respect to VPUMP
0.2
0.5
V
Output high
IOUT = –1 mA,
Respect to VPUMP
5
10
mV
Output low rectifier
IOUT = 100 mA
0.2
0.35
V
Output low rectifier
IOUT = 1 mA
2
6
mV
Rectifier off to charge on delay
10
40
65
ns
RESET Section (UCC39422 Only)
Reset timeout
CRSADJ = 0.33 µF
100
250
400
ms
Reset threshold
Percentage below regulation voltage
–7
–5.5
–4
%
Output low voltage
Reset condition,
I = 5 mA
0.1
0.25
V
Output leakage
RESET = 8 V
0.05
0.2
µA
NOTE 1: Ensured by design. Not production tested.


Similar Part No. - UCC39421PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39421PW TI-UCC39421PW Datasheet
606Kb / 35P
[Old version datasheet]   Multimode High Frequency PWM Controller
UCC39421PWTR TI-UCC39421PWTR Datasheet
606Kb / 35P
[Old version datasheet]   Multimode High Frequency PWM Controller
More results

Similar Description - UCC39421PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421 TI-UCC29421 Datasheet
606Kb / 35P
[Old version datasheet]   Multimode High Frequency PWM Controller
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Infineon Technologies A...
ICE5ASAG INFINEON-ICE5ASAG Datasheet
1Mb / 29P
   Fixed Frequency PWM Controller
V 2.2 2018-03-02
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com