Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29002 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29002
Description  Advanced 8-Pin Load-Share Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC29002 Datasheet(HTML) 4 Page - Texas Instruments

  UCC29002 Datasheet HTML 1Page - Texas Instruments UCC29002 Datasheet HTML 2Page - Texas Instruments UCC29002 Datasheet HTML 3Page - Texas Instruments UCC29002 Datasheet HTML 4Page - Texas Instruments UCC29002 Datasheet HTML 5Page - Texas Instruments UCC29002 Datasheet HTML 6Page - Texas Instruments UCC29002 Datasheet HTML 7Page - Texas Instruments UCC29002 Datasheet HTML 8Page - Texas Instruments UCC29002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
UCC29002, UCC29002-1, UCC39002
SLUS495I – SEPTEMBER 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: UCC29002 UCC39002
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VDD
Supply voltage, current limited
−0.3
15
V
VDD
Supply voltage, voltage source
−0.3
13.5
V
VCS+, VCS−
Input voltage, current sense amplifier
–0.3
VDD + 0.3
V
VCSO
Current sense amplifier output voltage
−0.3
VDD
V
VLS
Load share bus voltage
−0.3
VDD
V
Supply current (IDD + IZENER)
10
mA
VADJ
Adjust pin input voltage
VEAO +1 V < VADJ ≤ VDD
IADJ
Adjust pin sink current
6
mA
TJ
Operating junction temperature range
−55
150
°C
Tstg
Storage temperature
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage, voltage source
4.575
13.5
V
VCSO
Current sense amplifier output voltage
0
11.8
V
VLS
Load share bus voltage
0
VDD – 1.7
V
IADJ
Adjust pin sink current
4.55
mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
UCC2900x/UCC39002
UNIT
D (SOIC)
DGK (VSSOP)
P (PDIP)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
111.9
168.0
54.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58.6
61.9
43.9
°C/W
RθJB
Junction-to-board thermal resistance
52.6
88.8
31.2
°C/W
ψJT
Junction-to-top characterization parameter
12.9
7.3
21.6
°C/W
ψJB
Junction-to-board characterization parameter
52.0
87.2
31.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


Similar Part No. - UCC29002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002 TI-UCC29002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI-UCC29002 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI-UCC29002 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002-1 TI1-UCC29002-1 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
More results

Similar Description - UCC29002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com