Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS68625 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS68625
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS68625 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS68625 Datasheet HTML 6Page - Texas Instruments TPS68625 Datasheet HTML 7Page - Texas Instruments TPS68625 Datasheet HTML 8Page - Texas Instruments TPS68625 Datasheet HTML 9Page - Texas Instruments TPS68625 Datasheet HTML 10Page - Texas Instruments TPS68625 Datasheet HTML 11Page - Texas Instruments TPS68625 Datasheet HTML 12Page - Texas Instruments TPS68625 Datasheet HTML 13Page - Texas Instruments TPS68625 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
Programming the TPS78601 Adjustable LDO
C1 +
(3 x 10–7) x (R1 ) R2)
(R1 x R2)
(3)
V
O +
V
ref
1 )
R1
R2
(1)
Regulator Protection
R1 +
V
O
V
ref
* 1
R2
(2)
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
C1
GND
NR
FB
IN
OUT
EN
V
IN
V
OUT
R1
C1
R2
0.01
µF
TPS78601
1
µF
1.8 V
3.6V
14.0 k
57.9 k
30.1 k
30.1 k
33 pF
15 pF
2.2
µF
TPS78601, TPS78618
TPS78625, TPS78628
TPS78630, TPS78633
SLVS389D – SEPTEMBER 2002 – REVISED OCTOBER 2004
Regulator
The output voltage of the TPS78601 adjustable
The suggested value of this capacitor for several
regulator is programmed using an external resistor
resistor ratios is shown in the table below. If this
divider as shown in Figure 25. The output voltage is
capacitor is not used (such as in a unity-gain con-
calculated using Equation 1:
figuration), then the minimum recommended output
capacitor is 2.2 µF instead of 1 µF.
where:
The TPS786xx PMOS-pass transistor has a built-in
VREF = 1.2246 V typ (the internal reference
back diode that conducts reverse current when the
voltage)
input voltage drops below the output voltage (e.g.,
Resistors R1 and R2 should be chosen for approxi-
during power down). Current is conducted from the
mately 40-µA divider current. Lower value resistors
output to the input and is not internally limited. If
can be used for improved noise performance, but the
extended reverse voltage operation is anticipated,
device wastes more power. Higher values should be
external limiting might be appropriate.
avoided, as leakage current at FB increases the
The TPS786xx features internal current limiting and
output voltage error. The recommended design pro-
thermal protection. During normal operation, the
cedure is to choose R2 = 30.1 k
Ω to set the divider
TPS786xx limits output current to approximately 2.8
current at 40 µA, C1 = 15 pF for stability, and then
A. When current limiting engages, the output voltage
calculate R1 using Equation 2:
scales back linearly until the overcurrent condition
ends. While current limiting is designed to prevent
gross device failure, care should be taken not to
exceed the power dissipation ratings of the package.
If the temperature of the device exceeds approxi-
In order to improve the stability of the adjustable
mately 165
°C, thermal-protection circuitry shuts it
version, it is suggested that a small compensation
down. Once the device has cooled down to below
capacitor be placed between OUT and FB. The
approximately 140
°C, regulator operation resumes.
approximate value of this capacitor can be calculated
using Equation 3:
Figure 25. TPS78601 Adjustable LDO Regulator Programming
10


Similar Part No. - TPS68625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000 TI1-TPS68000 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBT TI-TPS68000DBT Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBT TI1-TPS68000DBT Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBTG4 TI1-TPS68000DBTG4 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results

Similar Description - TPS68625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com