Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99S Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAV99S
Description  Surface Mount Fast Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAV99S Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAV99S Datasheet HTML 1Page - Diode Semiconductor Korea BAV99S Datasheet HTML 2Page - Diode Semiconductor Korea BAV99S Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Fast Switching Diodes
BAV99S
FEATURES
High switching speed.
For general purpose switching application.
Small plastic SMD speed.
Low capacitance.
Two electrically isolated series configuration arrays.
APPLICATIONS
SOT-363
For general purpose switching application.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV99S
K1
SOT-363
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Characteristic
Value
Unit
VRRM
Repetitive peak reverse voltage
85
V
VR
Continuous Reverse voltage
75
V
IFRM
Repetitive peak forward current
450
mA
IF
Forward continuous current
200
mA
IFSM
Non-repetitive peak forward surge current
@t=1.0μs
@t=1.0ms
@t=1.0s
4.5
1.0
0.5
A
PD
Power Dissipation
250
mW
Tj,Tstg
Junction and Storage Temperature
-65 to+150
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAV99S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV99S SIEMENS-BAV99S Datasheet
42Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
221Kb / 4P
   250mW High Speed Switching Array
logo
Infineon Technologies A...
BAV99S INFINEON-BAV99S Datasheet
487Kb / 8P
   Silicon Switching Diode
Mar-10-2004
logo
Jiangsu Changjiang Elec...
BAV99S JIANGSU-BAV99S Datasheet
3Mb / 4P
   HIGH-SPEED SWITCHING DIODE
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
   High-speed switching diode array
2001 May 14
More results

Similar Description - BAV99S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
1N4150 PANJIT-1N4150_14 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com