Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS123 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # BSS123
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BSS123 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  BSS123 Datasheet HTML 1Page - Bruckewell Technology LTD BSS123 Datasheet HTML 2Page - Bruckewell Technology LTD BSS123 Datasheet HTML 3Page - Bruckewell Technology LTD BSS123 Datasheet HTML 4Page - Bruckewell Technology LTD BSS123 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BSS123
N-CHANNEL ENHANCEMENT MODE MOSFET
Publication Order Number: [BSS123]
© Bruckewell Technology Corporation Rev. A -2014
Switching Characteristics (Note 7)
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Time
VDS=250 V, ID=0.28A,
RG=50Ω , VDD=30 V
--
--
8
ns
tr
Turn-On Time
--
--
8
ns
td(off)
Turn-Off Delay Time
--
--
13
ns
tf
Turn-Off Fall Time
--
--
16
ns
Notes:
5. Part mounted on FR-4 board with recommended pad layout,
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to production testing.


Similar Part No. - BSS123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS123 PHILIPS-BSS123 Datasheet
56Kb / 4P
   N-channel enhancement mode vertical D-MOS transistor
August 2000 Rev 1.000
BSS123 PHILIPS-BSS123 Datasheet
29Kb / 4P
   N-channel TrenchMOS transistor
August 2000-Rev 1.000
logo
FutureWafer Tech Co.,Lt...
BSS123 FUTUREWAFER-BSS123 Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
22-May-2021 V2.0
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Infineon Technologies A...
BSS123 INFINEON-BSS123 Datasheet
3Mb / 8P
   SIPMOS??Small-Signal-Transistor Feature
2010-05-12
More results

Similar Description - BSS123

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com