Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR1002S Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # BR1002S
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BR1002S Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  BR1002S Datasheet HTML 1Page - Bruckewell Technology LTD BR1002S Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -240 amperes peak
Low forward voltage drop
Small size; simple installation
Sliver plated copper leads
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
BR
BR
BR
BR
BR
BR
BR
10005S
1001S
1002S
1004S
1006S
1008S
1010S
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current at
TA=50℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Bridge Element at 5.0A Peak
Maximum Reverse Current at Rated TJ=25℃
μA
DC Blocking Voltage Per Element
TJ=100℃
mA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
-55 to +150
1.0
-55 to +150
V
IR
10.0
1.0
UNIT
Polarity shown on side of case, Positive lead by beveled corner.
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
VF
IFSM
I(AV)
10.0
240
BR10005S thru BR1010S
A
SILICON BRIDGE RECTIFIERS
For capacitive load, derate current by 20%
A
CHARACTERISTICS
SYMBOL
REVERSE VOLTAGE
-
50
to 1000Volts
FORWARD CURRENT
-
10.0
Amperes
Dimensions in inches and (milimeters)
BR8
DIA.
.770(19.6)
.730(18.5)
.730(18.5)
.770(19.6)
.480(12.2)
.520(13.2)
.520(13.2)
.480(12.2)
HOLE FOR
NO.6 SCREW
.048(1.2)
.052(1.3)
.255(6.5)
.296(7.5)
.750
(19.0)
MIN


Similar Part No. - BR1002S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1002S GOOD-ARK-BR1002S Datasheet
88Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR1002S HY-BR1002S Datasheet
402Kb / 3P
   Silicon Bridge Rectifiers
logo
EIC discrete Semiconduc...
BR1002S EIC-BR1002S Datasheet
76Kb / 2P
   SILICON BRIDGE RECTIFIER
Rev. 02 : March 25, 2005
logo
GOOD-ARK Electronics
BR1002SG GOOD-ARK-BR1002SG Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR1002SG HY-BR1002SG Datasheet
343Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - BR1002S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com