Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846A Datasheet(PDF) 5 Page - Bruckewell Technology LTD

Part # BC846A
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC846A Datasheet(HTML) 5 Page - Bruckewell Technology LTD

  BC846A Datasheet HTML 1Page - Bruckewell Technology LTD BC846A Datasheet HTML 2Page - Bruckewell Technology LTD BC846A Datasheet HTML 3Page - Bruckewell Technology LTD BC846A Datasheet HTML 4Page - Bruckewell Technology LTD BC846A Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BC846A-BC848C
NPN SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC846A-BC848C]
© Bruckewell Technology Corporation Rev. A -2014
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE
WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Bruckewell Technology Inc., its affiliates, agents, and employees, and all persons acting on its or
their behalf (collectively, “Bruckewell”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
Bruckewell makes no warranty, representation or guarantee regarding the suitability of the products
for any particular purpose or the continuing production of any product. To the maximum extent
permitted by applicable law, Bruckewell disclaims
(i)
Any and all liability arising out of the application or use of any product.
(ii) Any and all liability, including without limitation special, consequential or incidental damages.
(iii) Any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on
Bruckewell’s knowledge of typical requirements that are often placed on Bruckewell products in
generic applications.
Such statements are not binding statements about the suitability of products for a particular
app
lication. It is the customer’s responsibility to validate that a particular product with the properties
described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance
may vary over time.
Product specifications do not expand or otherwise modify Bruckewell’s terms and conditions of
purchase, including but not limited to the warranty expressed therein.


Similar Part No. - BC846A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846A PHILIPS-BC846A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Galaxy Semi-Conductor H...
BC846A BILIN-BC846A Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
Diodes Incorporated
BC846A DIODES-BC846A Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
Nexperia B.V. All right...
BC846A NEXPERIA-BC846A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Micro Commercial Compon...
BC846A MCC-BC846A Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - BC846A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com