Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857A Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # BC857A
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC857A Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  BC857A Datasheet HTML 1Page - Bruckewell Technology LTD BC857A Datasheet HTML 2Page - Bruckewell Technology LTD BC857A Datasheet HTML 3Page - Bruckewell Technology LTD BC857A Datasheet HTML 4Page - Bruckewell Technology LTD BC857A Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BC856A-BC858C
PNP SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC856A-BC858C]
© Bruckewell Technology Corporation Rev. A -2014
■RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - BC857A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857A PHILIPS-BC857A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
GUANGDONG HOTTECH INDUS...
BC857A HOTTECH-BC857A Datasheet
498Kb / 3P
   Plastic-Encapsulate Transistors
logo
Shanghai Leiditech Elec...
BC857A LEIDITECH-BC857A Datasheet
679Kb / 4P
   Low current.(max.100mA)
logo
Weitron Technology
BC857A WEITRON-BC857A Datasheet
95Kb / 4P
   General Purpose Transistor PNP Silicon
logo
Diodes Incorporated
BC857A DIODES-BC857A Datasheet
119Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results

Similar Description - BC857A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com