Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817-25 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BC817-25
Description  Surface mount switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC817-25 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BC817-25 Datasheet HTML 1Page - Bruckewell Technology LTD BC817-25 Datasheet HTML 2Page - Bruckewell Technology LTD BC817-25 Datasheet HTML 3Page - Bruckewell Technology LTD BC817-25 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC817
Surface mount switching diode
Publication Order Number: [BC817]
© Bruckewell Technology Corporation Rev. A -2014
ORDERING INFORMATION
Type No.
Marking
Package Code
BC817-16
6A
SOD-123
BC817-25
6B
SOD-123
BC817-40
6C
SOD-123
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MAXIMUM RATING @ Ta=25°C unless otherwise specified
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
500
mA
Collector Dissipation
PC
300
mW
Junction and Storage Temperature
Tj,Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Parameter
Conditions
Symbol
Min
Max
Unit
Collector-base breakdown voltage
IC=10μA IE=0
V(BR)CBO
50
V
Collector-emitter breakdown voltage
IC=10mA IB=0
V(BR)CEO
45
V
Emitter-base breakdown voltage
IE=1μA IC=0
V(BR)EBO
5
V
Collector cut-off current
VCB=45V IE=0
ICBO
0.1
μA
Emitter cut-off current
VEB=4V IC=0 0.1
IEBO
0.1
μA
DC current gain
VCE=1V IC=100mA
VCE=1V IC=100mA
hFE
100
40
600
Collector-emitter saturation voltage
IC=500mA IB=50mA
VCE(sat)
0.7
V
Base-emitter saturation voltage
IC=500mA IB=50mA
VBE(sat)
1.2
V
Collecter capacitance
VCB=10V,f=1MHz
Cob
10
pF
Transition frequency
VCE=5V IC=10mA
f=100MHz
fT
100
MHz
CLASSIFICATION OF HFE(1)
Rank
BC817-16
BC817-25
BC817-40
Range
100-250
160-400
250-600
Marking
6A
6B
6C


Similar Part No. - BC817-25

ManufacturerPart #DatasheetDescription
logo
SHENZHEN SLS TECHNOLOGY...
BC817-25 SHENZHENSLS-BC817-25 Datasheet
477Kb / 2P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC817-25 PHILIPS-BC817-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Pan Jit International I...
BC817-25 PANJIT-BC817-25 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BC817-25 KEXIN-BC817-25 Datasheet
1Mb / 2P
   NPN Transistors
logo
Shenzhen Luguang Electr...
BC817-25 LUGUANG-BC817-25 Datasheet
1Mb / 3P
   NPN General Purpose Amplifier
More results

Similar Description - BC817-25

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com