Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848A Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # BC848A
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC848A Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  BC848A Datasheet HTML 1Page - Bruckewell Technology LTD BC848A Datasheet HTML 2Page - Bruckewell Technology LTD BC848A Datasheet HTML 3Page - Bruckewell Technology LTD BC848A Datasheet HTML 4Page - Bruckewell Technology LTD BC848A Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC846A-BC848C
NPN SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC846A-BC848C]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
BC846A,B
BC847A,B
BC848A,B,C
Unit
VCEO
Collector-Emitter Voltage
65
45
30
Vdc
VCBO
Collector-Base Voltage
80
50
30
Vdc
VEBO
Emitter-Base Voltage
6
6
-5
Vdc
Ic
Collector Current Continuous
100
100
100
mAdc
THERMAL CHARACTERISTICS
Symbol
Parameter
Max
Unit
PD(Ta=25°C)
TotalDevice Dissipation
FR-5 Board(1), TA=25° Derate above25°
225
mW
1.8
mW/°C
PD(Ta=25°C)
TotalDevice Dissipation
Alumina Substrate, TA=25° Derate above25°
300
mW
2.4
mW/°C
RθJA
Thermal Resistance Junction to Ambient
80
V
TJ ,Tstg
Junction and Storage Temperature
55 to +150
°C
Electrical characteristics (Tc=25°C unless otherwise noted)
OFF CHARACTERISTICS
Symbol
Parameter
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
(Ic=-10mAdc,IB=0)
BC846A,B
65
V
BC847A,B
45
V
BC848A,B,C
30
V
V(BR)CBO
Collector-Base Breakdown Voltage
(Ic=-
10μAdc,IE=0)
BC846A,B
80
V
BC847A,B
50
V
BC848A,B,C
30
V
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-
10μAdc,Ic=0)
BC846A,B
6
V
BC847A,B
6
V
BC848A,B,C
5
V
IBO
Collector Cutoff Current V
V
(VCB=-30v)
15
nA
(VcB=-30Vdc,TA=150°C)
5
uA


Similar Part No. - BC848A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BC848A LUGUANG-BC848A Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
Transys Electronics
BC848A TRSYS-BC848A Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
BC848A BILIN-BC848A Datasheet
202Kb / 4P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC848A TSC-BC848A Datasheet
218Kb / 5P
   NPN Small Signal Transistor
logo
DONGGUAN YOU FENG WEI E...
BC848A YFWDIODE-BC848A Datasheet
704Kb / 4P
   NPN Transistors
More results

Similar Description - BC848A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com