Electronic Components Datasheet Search |
|
TMS320DM335CZCE216 Datasheet(PDF) 7 Page - Texas Instruments |
|
TMS320DM335CZCE216 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 160 page TMS320DM335 www.ti.com SPRS528C – JULY 2008 – REVISED JUNE 2010 2 Device Overview 2.1 Device Characteristics Table 2-1 provides an overview of the DMSoC. The table shows significant features of the device, including the peripherals, capacity of on-chip RAM, ARM operating frequency, the package type with pin count, etc. Table 2-1. Characteristics of the Processor HARDWARE FEATURES DM335 DDR2 / mDDR Memory Controller DDR2 / mDDR (16-bit bus width) Asynchronous (8/16-bit bus width) Asynchronous EMIF (AEMIF) RAM, Flash (NAND, OneNAND) Two MMC/SD Flash Card Interfaces One SmartMedia/xD 64 independent DMA channels EDMA Eight EDMA channels Three 64-Bit General Purpose (each configurable as two separate 32-bit Timers timers) Peripherals One 64-Bit Watch Dog Not all peripherals pins are Three (one with RTS and CTS flow available at the same time UART control) (For more detail, see the Device Configuration Three (each supports two slave SPI section). devices) I2C One (Master/Slave) Audio Serial Port [ASP] Two ASP General-Purpose Input/Output Port Up to 104 Pulse width modulator (PWM) Four outputs One Input (VPFE) Configurable Video Ports One Output (VPBE) High, Full Speed Device USB 2.0 High, Full, Low Speed Host ARM On-Chip CPU Memory Organization 16-KB I-cache, 8-KB D-cache, 32-KB RAM, 8-KB ROM JTAG BSDL_ID JTAGID register (address location: 0x01C4 0028) 0x0B73B01F CPU Frequency (Maximum) MHz ARM 135, 216 MHz Core (V) 1.3 V Voltage I/O (V) 3.3 V, 1.8 V Reference frequency options 24 MHz (typical), 36 MHz PLL Options Configurable PLL controller PLL bypass, programmable PLL BGA Package 13 x 13 mm 337-Pin BGA (ZCE) Process Technology 90 nm Product Preview (PP), Product Status(1) Advance Information (AI), PD or Production Data (PD) (1) PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 2008–2010, Texas Instruments Incorporated Device Overview 7 Submit Documentation Feedback Product Folder Link(s): TMS320DM335 |
Similar Part No. - TMS320DM335CZCE216 |
|
Similar Description - TMS320DM335CZCE216 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |