Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6748EZCEA3E Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C6748EZCEA3E
Description  Fixed- and Floating-Point DSP
Download  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6748EZCEA3E Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6748EZCEA3E Datasheet HTML 1Page - Texas Instruments TMS320C6748EZCEA3E Datasheet HTML 2Page - Texas Instruments TMS320C6748EZCEA3E Datasheet HTML 3Page - Texas Instruments TMS320C6748EZCEA3E Datasheet HTML 4Page - Texas Instruments TMS320C6748EZCEA3E Datasheet HTML 5Page - Texas Instruments TMS320C6748EZCEA3E Datasheet HTML 6Page - Texas Instruments TMS320C6748EZCEA3E Datasheet HTML 7Page - Texas Instruments TMS320C6748EZCEA3E Datasheet HTML 8Page - Texas Instruments TMS320C6748EZCEA3E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 273 page
background image
TMS320C6748
SPRS590F – JUNE 2009 – REVISED MARCH 2014
www.ti.com
• One Host-Port Interface (HPI) with 16-Bit-Wide
• Universal Parallel Port (uPP):
Muxed Address and Data Bus For High Bandwidth
– High-Speed Parallel Interface to FPGAs and
• Programmable Real-Time Unit Subsystem
Data Converters
(PRUSS)
– Data Width on Both Channels is 8- to 16-Bit
– Two Independent Programmable Real-Time Unit
Inclusive
(PRU) Cores
– Single-Data Rate or Dual-Data Rate Transfers
32-Bit Load-Store RISC Architecture
– Supports Multiple Interfaces with START,
ENABLE, and WAIT Controls
4KB of Instruction RAM Per Core
• Serial ATA (SATA) Controller:
512 Bytes of Data RAM Per Core
– Supports SATA I (1.5 Gbps) and SATA II
PRUSS can be Disabled via Software to
(3.0 Gbps)
Save Power
– Supports All SATA Power-Management
Register 30 of Each PRU is Exported From
Features
the Subsystem in Addition to the Normal R31
Output of the PRU Cores.
– Hardware-Assisted Native Command Queueing
(NCQ) for up to 32 Entries
– Standard Power-Management Mechanism
– Supports Port Multiplier and Command-Based
Clock Gating
Switching
Entire Subsystem Under a Single PSC Clock
• Real-Time Clock (RTC) with 32-kHz Oscillator and
Gating Domain
Separate Power Rail
– Dedicated Interrupt Controller
• Three 64-Bit General-Purpose Timers (Each
– Dedicated Switched Central Resource
Configurable as Two 32-Bit Timers)
• USB 1.1 OHCI (Host) with Integrated PHY (USB1)
• One 64-Bit General-Purpose or Watchdog Timer
• USB 2.0 OTG Port with Integrated PHY (USB0)
(Configurable as Two 32-Bit General-Purpose
– USB 2.0 High- and Full-Speed Client
Timers)
– USB 2.0 High-, Full-, and Low-Speed Host
• Two Enhanced High-Resolution Pulse Width
– End Point 0 (Control)
Modulators (eHRPWMs):
– End Points 1,2,3,4 (Control, Bulk, Interrupt, or
– Dedicated 16-Bit Time-Base Counter with
ISOC) RX and TX
Period and Frequency Control
• One Multichannel Audio Serial Port (McASP):
– 6 Single-Edge Outputs, 6 Dual-Edge Symmetric
– Two Clock Zones and 16 Serial Data Pins
Outputs, or 3 Dual-Edge Asymmetric Outputs
– Supports TDM, I2S, and Similar Formats
– Dead-Band Generation
– DIT-Capable
– PWM Chopping by High-Frequency Carrier
– FIFO Buffers for Transmit and Receive
– Trip Zone Input
• Two Multichannel Buffered Serial Ports (McBSPs):
• Three 32-Bit Enhanced Capture (eCAP) Modules:
– Supports TDM, I2S, and Similar Formats
– Configurable as 3 Capture Inputs or 3 Auxiliary
– AC97 Audio Codec Interface
Pulse Width Modulator (APWM) Outputs
– Telecom Interfaces (ST-Bus, H100)
– Single-Shot Capture of up to Four Event Time-
Stamps
– 128-Channel TDM
• Packages:
– FIFO Buffers for Transmit and Receive
– 361-Ball Pb-Free Plastic Ball Grid Array (PBGA)
• 10/100 Mbps Ethernet MAC (EMAC):
[ZCE Suffix], 0.65-mm Ball Pitch
– IEEE 802.3 Compliant
– 361-Ball Pb-Free PBGA [ZWT Suffix],
– MII Media-Independent Interface
0.80-mm Ball Pitch
– RMII Reduced Media-Independent Interface
• Commercial, Extended, or Industrial Temperature
– Management Data I/O (MDIO) Module
• Video Port Interface (VPIF):
– Two 8-Bit SD (BT.656), Single 16-Bit or Single
Raw (8-, 10-, and 12-Bit) Video Capture
Channels
– Two 8-Bit SD (BT.656), Single 16-Bit Video
Display Channels
2
TMS320C6748 Fixed- and Floating-Point DSP
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6748


Similar Part No. - TMS320C6748EZCEA3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748EZCEA3E TI1-TMS320C6748EZCEA3E Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748EZCEA3E TI1-TMS320C6748EZCEA3E Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results

Similar Description - TMS320C6748EZCEA3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com