Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6441BZWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441BZWT
Description  Digital Media System-on-Chip
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6441BZWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM6441BZWT Datasheet HTML 2Page - Texas Instruments TMS320DM6441BZWT Datasheet HTML 3Page - Texas Instruments TMS320DM6441BZWT Datasheet HTML 4Page - Texas Instruments TMS320DM6441BZWT Datasheet HTML 5Page - Texas Instruments TMS320DM6441BZWT Datasheet HTML 6Page - Texas Instruments TMS320DM6441BZWT Datasheet HTML 7Page - Texas Instruments TMS320DM6441BZWT Datasheet HTML 8Page - Texas Instruments TMS320DM6441BZWT Datasheet HTML 9Page - Texas Instruments TMS320DM6441BZWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
1
Digital Media System-on-Chip (DMSoC)
............ 1
6.1
Parameter Information
.............................. 93
6.2
Recommended Clock and Control Signal Transition
1.1
Features
.............................................. 1
Behavior
............................................ 94
1.2
Description
........................................... 3
6.3
Power Supplies
..................................... 94
1.3
Functional Block Diagram
............................ 5
6.4
Reset
.............................................. 103
Revision History
.............................................. 7
6.5
External Clock Input From MXI/CLKIN Pin
........ 106
2
Device Overview
....................................... 10
6.6
Clock PLLs
........................................ 109
2.1
Device Characteristics
.............................. 10
6.7
Interrupts
.......................................... 115
6.8
General-Purpose Input/Output (GPIO)
............ 122
2.2
Device Compatibility
................................ 11
6.9
Enhanced Direct Memory Access (EDMA3)
2.3
ARM Subsystem
.................................... 11
Controller
.......................................... 125
2.4
DSP Subsystem
.................................... 16
6.10
External Memory Interface (EMIF)
................ 137
2.5
Memory Map Summary
............................. 20
6.11
ATA/CF
............................................ 145
2.6
Pin Assignments
.................................... 24
6.12
MMC/SD/SDIO
.................................... 158
2.7
Terminal Functions
................................. 28
6.13
Video Processing Sub-System (VPSS) Overview
2.8
Device Support
..................................... 58
..................................................... 161
3
Device Configurations
................................ 63
6.14
USB 2.0
........................................... 185
6.15
Universal Asynchronous Receiver/Transmitter
3.1
System Module Registers
.......................... 63
(UART)
............................................ 194
3.2
Power Considerations
.............................. 63
6.16
Serial Port Interface (SPI)
......................... 197
3.3
Bootmode
........................................... 65
6.17
Inter-Integrated Circuit (I2C)
...................... 201
3.4
Configurations at Reset
............................ 68
6.18
Audio Serial Port (ASP)
........................... 204
3.5
Configurations After Reset
......................... 72
6.19
Ethernet Media Access Controller (EMAC)
....... 208
3.6
Emulation Control
................................... 86
6.20
Management Data Input/Output (MDIO)
.......... 214
4
System Interconnect
.................................. 88
6.21
Timer
.............................................. 216
4.1
System Interconnect Block Diagram
............... 89
6.22
Pulse Width Modulator (PWM)
.................... 218
5
Device Operating Conditions
....................... 90
6.23
VLYNQ
............................................ 220
5.1
Absolute Maximum Ratings Over Operating Case
6.24
Memory Stick/Memory Stick PRO
................. 224
Temperature Range (Unless Otherwise Noted)
.... 90
6.25
Host-Port Interface (HPI)
.......................... 227
5.2
Recommended Operating Conditions
.............. 91
6.26
IEEE 1149.1 JTAG
................................ 230
5.3
Electrical Characteristics Over Recommended
7
Mechanical Packaging and Orderable
Ranges of Supply Voltage and Operating Case
Information
............................................ 232
Temperature (Unless Otherwise Noted)
............ 92
7.1
Thermal Data for ZWT
............................ 232
6
Peripheral and Electrical Specifications
.......... 93
7.2
Packaging Information
............................ 232
6
Contents
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441


Similar Part No. - TMS320DM6441BZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441BZWT TI1-TMS320DM6441BZWT Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6441BZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com