Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62302YZDR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62302YZDR
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62302YZDR Datasheet(HTML) 5 Page - Texas Instruments

  TPS62302YZDR Datasheet HTML 1Page - Texas Instruments TPS62302YZDR Datasheet HTML 2Page - Texas Instruments TPS62302YZDR Datasheet HTML 3Page - Texas Instruments TPS62302YZDR Datasheet HTML 4Page - Texas Instruments TPS62302YZDR Datasheet HTML 5Page - Texas Instruments TPS62302YZDR Datasheet HTML 6Page - Texas Instruments TPS62302YZDR Datasheet HTML 7Page - Texas Instruments TPS62302YZDR Datasheet HTML 8Page - Texas Instruments TPS62302YZDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
PIN ASSIGNMENTS
ADJ
FB
AVIN
EN
AGND
SW
VIN
MODE/SYNC
PGND
VOUT
VIN
NC
NC
AVIN
EN
AGND
SW
MODE/SYNC
PGND
VOUT
ADJ
A1
B1
C1
D1
A2
B2
C2
D2
GND
SW
MODE/SYNC
VOUT
VIN
EN
FB
MODE/SYNC
C1
A2
B2
C2
D2
A1
B1
D1
VIN
EN
ADJ
FB
GND
SW
VOUT
TPS62300, TPS62320
QFN-10
(TOP VIEW)
TPS6230x, TPS6232x
FIXED OUTPUT VOLTAGE (QFN-10)
(TOP VIEW)
TPS6230x, TPS6231x, TPS6232x
CSP-8
(TOP VIEW)
TPS6230x, TPS6231x, TPS6232x
CSP-8
(BOTTOM VIEW)
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NO.
NAME
QFN
CSP
VIN
1
A2
I
Supply voltage for output power stage.
AVIN
2
I
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
This is the enable pin of the device. Connecting this pin to ground forces the device into shutdown
EN
3
B2
I
mode. Pulling this pin to VI enables the device. This pin must not be left floating and must be
terminated.
This is the internal reference voltage used to regulate VO. This pin is not connected on fixed output
voltage version of TPS6230xDRC and TPS6232xDRC. Do not connect ADJ pin on fixed output
voltage version of TPS6230xYZD, TPS6231xYZD and TPS6232xYxD.
ADJ
4
C2
I/O
On TPS62300 and TPS62320, this pin can also be used as an external control input. The output
voltage is 1.5x the applied voltage at ADJ.
This is the feedback pin of the device. For the adjustable version, an external resistor divider is
connected to this pin. The internal voltage divider is disabled for the adjustable version. This pin is
FB
5
D2
I
not connected on fixed output voltage version of TPS6230xDRC and TPS6232xDRC. Do not
connect the FB pin on the fixed output voltage version of TPS6230xYZD, TPS6231xYZD and
TPS6232xYxD.
VOUT
6
D1
I
Output feedback sense input. Connect VOUT to the converter’s output.
AGND
7
Analog ground. Connect to PGND via the PowerPAD™ underneath IC.
Input for synchronization to external clock signal. This pin must not be left floating and must be
terminated. Synchronizes the converter switching frequency to an external clock signal
MODE/SYNC = LOW (GND): The device is operating in fixed frequency pulse width modulation
MODE/SYNC
8
C1
I
mode (PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load
currents.
MODE/SYNC = HIGH (VIN): Low-noise mode enabled, fixed frequency PWM operation forced.
PGND
9
A1
Power ground.
This is the switch pin of the converter and is connected to the drain of the internal Power
SW
10
B1
I/O
MOSFETs.
PowerPAD™
N/A
Internally connected to PGND.
5


Similar Part No. - TPS62302YZDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62302YZDR TI-TPS62302YZDR Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62302YZDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com