Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6443AZWT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6443AZWT
Description  Digital Media System-on-Chip
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6443AZWT Datasheet(HTML) 4 Page - Texas Instruments

  TMS320DM6443AZWT Datasheet HTML 1Page - Texas Instruments TMS320DM6443AZWT Datasheet HTML 2Page - Texas Instruments TMS320DM6443AZWT Datasheet HTML 3Page - Texas Instruments TMS320DM6443AZWT Datasheet HTML 4Page - Texas Instruments TMS320DM6443AZWT Datasheet HTML 5Page - Texas Instruments TMS320DM6443AZWT Datasheet HTML 6Page - Texas Instruments TMS320DM6443AZWT Datasheet HTML 7Page - Texas Instruments TMS320DM6443AZWT Datasheet HTML 8Page - Texas Instruments TMS320DM6443AZWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 219 page
background image
TMS320DM6443
SPRS282G – DECEMBER 2005 – REVISED AUGUST 2010
www.ti.com
The DM6443 includes a Video Processing Sub-System (VPSS) that has a configurable Resizer and Video
Processing Back-End (VPBE) output used for display.
The Resizer accepts image data for separate horizontal and vertical resizing from 1/4x to 4x in increments
of 256/N, where N is between 64 and 1024.
The Video Processing Back-End (VPBE) is comprised of an On-Screen Display Engine (OSD) and a
Video Encoder (VENC). The OSD engine is capable of handling 2 separate video windows and 2 separate
OSD windows. Other configurations include 2 video windows, 1 OSD window, and 1 attribute window
allowing up to 8 levels of alpha blending. The VENC provides four analog DACs that run at 54 MHz,
providing a means for composite NTSC/PAL video, S-Video, and/or Component video output. The VENC
also provides up to 24 bits of digital output to interface to RGB888 devices. The digital output is capable of
8/16-bit BT.656 output and/or CCIR.601 with separate horizontal and vertical syncs.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the DM644x and
the network. The DM6443 EMAC support both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps)
and 100 Mbps in either half- or full-duplex mode, with hardware flow control and quality of service (QOS)
support.
The Management Data Input/Output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system. Once a PHY candidate has been selected by the ARM, the
MDIO module transparently monitors its link state by reading the PHY status register. Link change events
are stored in the MDIO module and can optionally interrupt the ARM, allowing the ARM to poll the link
status of the device without continuously performing costly MDIO accesses.
The HPI, I2C, SPI, USB2.0, and VLYNQ ports allow DM6443 to easily control peripheral devices and/or
communicate with host processors. The DM6443 also provides multimedia card support, MMC/SD, with
SDIO support.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides listed in Section 2.8.3.1, Related Documentation From
Texas Instruments.
The DM6443 has a complete set of development tools for both the ARM and DSP. These include
C compilers, a DSP assembly optimizer to simplify programming and scheduling, and a Windows™
debugger interface for visibility into source code execution.
4
Digital Media System-on-Chip (DMSoC)
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6443


Similar Part No. - TMS320DM6443AZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6443AZWT TI-TMS320DM6443AZWT Datasheet
1Mb / 223P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6443AZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com