Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F241FN Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLERS
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F241FN Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 4Page - Texas Instruments TMS320F241FN Datasheet HTML 5Page - Texas Instruments TMS320F241FN Datasheet HTML 6Page - Texas Instruments TMS320F241FN Datasheet HTML 7Page - Texas Instruments TMS320F241FN Datasheet HTML 8Page - Texas Instruments TMS320F241FN Datasheet HTML 9Page - Texas Instruments TMS320F241FN Datasheet HTML 10Page - Texas Instruments TMS320F241FN Datasheet HTML 11Page - Texas Instruments TMS320F241FN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064D − DECEMBER 1997 − REVISED FEBRUARY 2006
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions - F243 PGE Package
NAME
144
LQFP
TYPE†
RESET
STATE‡
DESCRIPTION
NAME
NO.
TYPE†
STATE‡
DESCRIPTION
ANALOG-TO-DIGITAL CONVERTER (ADC) INPUTS
ADCIN00
10
ADCIN01
8
ADCIN02
6
ADCIN03
4
I
I
Analog inputs to the ADC
ADCIN04
3
I
I
Analog inputs to the ADC
ADCIN05
144
ADCIN06
143
ADCIN07
139
VCCA
137
Analog supply voltage for ADC (5 V). It is highly recommended to
isolate VCCA from the digital supply voltage (and VSSA from digital
ground) to maintain the specified accuracy and improve the noise
immunity of the ADC.
VSSA
135
Analog ground reference for ADC
VREFHI
141
ADC analog high-voltage reference input
VREFLO
142
ADC analog low-voltage reference input
EVENT MANAGER
T1PWM/T1CMP/IOPB4
130
I/O/Z
I
Timer 1 compare output/general-purpose bidirectional digital I/O
(GPIO).
T2PWM/T2CMP/IOPB5
128
I/O/Z
I
Timer 2 compare output/GPIO
TDIR/IOPB6
85
I/O
I
Counting direction for general-purpose (GP) timer/GPIO. If TDIR=1,
upward counting is selected. If TDIR=0, downward counting is
selected.
TCLKIN/IOPB7
87
I/O
I
External clock input for GP timer/GPIO. Note that timer can also use
the internal device clock.
CAP1/QEP0/IOPA3
123
I/O
I
Capture input #1/quadrature encoder pulse input #0/GPIO
CAP2/QEP1/IOPA4
121
I/O
I
Capture input #2/quadrature encoder pulse input #1/GPIO
CAP3/IOPA5
119
I/O
I
Capture input #3/GPIO
PWM1/IOPA6
102
I/O/Z
I
Compare/PWM output pin #1 or GPIO
PWM2/IOPA7
100
I/O/Z
I
Compare/PWM output pin #2 or GPIO
PWM3/IOPB0
98
I/O/Z
I
Compare/PWM output pin #3 or GPIO
PWM4/IOPB1
96
I/O/Z
I
Compare/PWM output pin #4 or GPIO
PWM5/IOPB2
94
I/O/Z
I
Compare/PWM output pin #5 or GPIO
PWM6/IOPB3
91
I/O/Z
I
Compare/PWM output pin #6 or GPIO
PDPINT
89
I
I
Power drive protection interrupt input. This interrupt, when activated,
puts the PWM output pins in the high-impedance state should motor
drive/power converter abnormalities, such as overvoltage or
overcurrent, etc., arise. PDPINT is level-sensitive and can cause
multiple interrupts when held low.
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ At reset, the device comes up with AVIS mode enabled. The data bus is in output mode while AVIS is enabled.
NOTE: Bold, italicized pin names indicate pin function after reset.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is 150
µA.)


Similar Part No. - TMS320F241FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F241FN TI-TMS320F241FN Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
TMS320F241FN TI-TMS320F241FN Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241FN TI1-TMS320F241FN Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241FNA TI1-TMS320F241FNA Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241FNS TI1-TMS320F241FNS Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320F241FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com