Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C6421ZDU6 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP320C6421ZDU6
Description  Fixed-Point Digital Signal Processor
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320C6421ZDU6 Datasheet(HTML) 5 Page - Texas Instruments

  TMP320C6421ZDU6 Datasheet HTML 1Page - Texas Instruments TMP320C6421ZDU6 Datasheet HTML 2Page - Texas Instruments TMP320C6421ZDU6 Datasheet HTML 3Page - Texas Instruments TMP320C6421ZDU6 Datasheet HTML 4Page - Texas Instruments TMP320C6421ZDU6 Datasheet HTML 5Page - Texas Instruments TMP320C6421ZDU6 Datasheet HTML 6Page - Texas Instruments TMP320C6421ZDU6 Datasheet HTML 7Page - Texas Instruments TMP320C6421ZDU6 Datasheet HTML 8Page - Texas Instruments TMP320C6421ZDU6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 222 page
background image
Contents
TMS320C6421
Fixed-Point Digital Signal Processor
www.ti.com
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
Ranges of Supply Voltage and Operating
1
TMS320C6421 Fixed-Point Digital Signal
Temperature (Unless Otherwise Noted)
........... 111
Processor
.................................................. 1
6
Peripheral Information and Electrical
1.1
Features
.............................................. 1
Specifications
......................................... 113
1.2
Description
............................................ 2
6.1
Parameter Information
............................. 113
1.3
Functional Block Diagram
............................ 4
6.2
Recommended Clock and Control Signal Transition
Revision History
............................................... 6
Behavior
............................................ 114
2
Device Overview
......................................... 7
6.3
Power Supplies
.................................... 114
2.1
Device Characteristics
................................ 7
6.4
Enhanced Direct Memory Access (EDMA3)
2.2
C64x+ Megamodule
.................................. 8
Controller
........................................... 122
2.3
Memory Map Summary
............................. 14
6.5
Reset
............................................... 135
2.4
Pin Assignments
.................................... 16
6.6
External Clock Input From MXI/CLKIN Pin
........ 144
2.5
Terminal Functions
.................................. 24
6.7
Clock PLLs
......................................... 146
2.6
Device Support
...................................... 56
6.8
Interrupts
........................................... 152
2.7
Device and Development-Support Tool
6.9
External Memory Interface (EMIF)
................. 155
Nomenclature
....................................... 56
6.10
Universal Asynchronous Receiver/Transmitter
2.8
Documentation Support
............................. 58
(UART)
............................................. 163
3
Device Configurations
................................. 59
6.11
Inter-Integrated Circuit (I2C)
....................... 166
3.1
System Module Registers
........................... 59
6.12
Host-Port Interface (HPI) Peripheral
............... 170
3.2
Power Considerations
............................... 60
6.13
Multichannel Buffered Serial Port (McBSP)
........ 175
3.3
Clock Considerations
................................ 62
6.14
Multichannel Audio Serial Port (McASP0)
Peripheral
.......................................... 183
3.4
Boot Sequence
...................................... 64
6.15
Ethernet Media Access Controller (EMAC)
........ 191
3.5
Configurations At Reset
............................. 73
6.16
Management Data Input/Output (MDIO)
.......... 200
3.6
Configurations After Reset
.......................... 75
6.17
Timers
.............................................. 202
3.7
Multiplexed Pin Configurations
...................... 79
6.18
Pulse Width Modulator (PWM)
..................... 204
3.8
Device Initialization Sequence After Reset
........ 103
6.19
VLYNQ
............................................. 206
3.9
Debugging Considerations
......................... 105
6.20
General-Purpose Input/Output (GPIO)
............. 210
4
System Interconnect
................................. 107
6.21
IEEE 1149.1 JTAG
................................. 214
4.1
System Interconnect Block Diagram
............... 107
7
Mechanical Data
....................................... 216
5
Device Operating Conditions
....................... 109
7.1
Thermal Data for ZWT
............................. 216
5.1
Absolute Maximum Ratings Over Operating
Temperature Range (Unless Otherwise Noted)
... 109
7.1.1
Thermal Data for ZDU
............................. 217
5.2
Recommended Operating Conditions
............. 110
7.1.2
Packaging Information
............................. 217
5.3
Electrical Characteristics Over Recommended
Submit Documentation Feedback
Contents
5


Similar Part No. - TMP320C6421ZDU6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C6411AGLZ TI-TMP320C6411AGLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMP320C6411AZLZ TI-TMP320C6411AZLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMP320C6411GLZ TI-TMP320C6411GLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMP320C6411GLZ300 TI-TMP320C6411GLZ300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6411GLZ5E0 TI-TMP320C6411GLZ5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMP320C6421ZDU6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com