Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38037M6-122FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M38037M6-122FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38037M6-122FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38037M6-122FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38037M6-122FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38037M6-122FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38037M6-122FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38037M6-122FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38037M6-122FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38037M6-122FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38037M6-122FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38037M6-122FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
3803/3804 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The 3803/3804 group is the 8-bit microcomputer based on the 740
family core technology.
The 3803/3804 group is designed for household products, office
automation equipment, and controlling systems that require ana-
log signal processing, including the A-D converter and D-A
converters.
The 3804 group is the version of the 3803 group to which an I2C-
BUS control function has been added.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time ................................ 0.24
µs
(at 16.8 MHz oscillation frequency)
qMemory size
ROM ............................................................... 16 K to 60 K bytes
RAM ................................................................. 640 to 2048 bytes
qProgrammable input/output ports ............................................ 56
qSoftware pull-up resistors ................................................. Built-in
qInterrupts
21 sources, 16 vectors ............................................... 3803 group
(external 8, internal 12, software 1)
23 sources, 16 vectors ............................................... 3804 group
(external 9, internal 13, software 1)
qTimers ........................................................................... 16-bit ✕ 1
8-bit ✕ 4
(with 8-bit prescaler)
qWatchdog timer ............................................................ 16-bit ✕ 1
qSerial I/O ...................... 8-bit ✕ 2 (UART or Clock-synchronized)
8-bit ✕ 1 (Clock-synchronized)
qPWM ............................................ 8-bit ✕ 1 (with 8-bit prescaler)
qI2C-BUS interface (3804 group only) ........................... 1 channel
qA-D converter ............................................. 10-bit ✕ 16 channels
(8-bit reading enabled)
qD-A converter ................................................. 8-bit ✕ 2 channels
qLED direct drive port .................................................................. 8
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-, middle-speed mode
At 16.8 MHz oscillation frequency ............................ 4.5 to 5.5 V
At 12.5 MHz oscillation frequency ............................ 4.0 to 5.5 V
At 8.38 MHz oscillation frequency) ........................ 2.7 to 5.5 V
In low-speed mode
At 32 kHz oscillation frequency .............................. 2.7 to 5.5 V
(✽ This value of flash memory version is 4.0 to 5.5 V.)
qPower dissipation
In high-speed mode ................................................ 60 mW (typ.)
(at 16.8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ................................................... 60
µW (typ.)
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
qPackages
SP .................................................. 64P4B (64-pin 750 mil SDIP)
FP ....................................... 64P6N-A (64-pin 14 ✕ 14 mm QFP)
HP ..................................... 64P6Q-A (64-pin 10 ✕ 10 mm LQFP)
<Flash memory mode>
qSupply voltage ................................................. VCC = 5 V ± 10 %
qProgram/Erase voltage ........................... VPP = 11.7 V to 12.6 V
qProgramming method ...................... Programming in unit of byte
qErasing method
Batch erasing ........................................ Parallel/Serial I/O mode
Block erasing .................................... CPU reprogramming mode
qProgram/Erase control by software command
qNumber of times for programming/erasing ............................ 100
q Operating temperature range (at programming/erasing) ...........
........................................................................ Room temperature
sNotes
1. The flash memory version cannot be used for application em-
bedded in the MCU card.
2. Supply voltage Vcc of the flash memory version is 4.0 to 5.5
V.


Similar Part No. - M38037M6-122FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38037M6-XXXHP RENESAS-M38037M6-XXXHP Datasheet
1Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38037M6-XXXHP RENESAS-M38037M6-XXXHP Datasheet
2Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38037M6-XXXKP RENESAS-M38037M6-XXXKP Datasheet
1Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38037M6-XXXKP RENESAS-M38037M6-XXXKP Datasheet
2Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38037M6-XXXSP RENESAS-M38037M6-XXXSP Datasheet
1Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38037M6-122FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com