Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38227ECHP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M38227ECHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECHP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M38227ECHP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38227ECHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38227ECHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38227ECHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38227ECHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38227ECHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38227ECHP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38227ECHP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38227ECHP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
8
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3822 Group
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION
(EXTENDED OPERATING TEMPERATURE
VERSION)
Mitsubishi plans to expand the 3822 group (extended operating
temperature version) as follows:
Memory Type
Support for Mask ROM version.
Memory Size
ROM size ........................................................................ 48 K bytes
RAM size ....................................................................... 1024 bytes
Package
80P6N-A .................................... 0.8 mm-pitch plastic molded QFP
Currently products are listed below.
Memory Expansion Plan
Remarks
Package
Product
As of August 2000
RAM size (bytes)
49152(49022)
ROM size (bytes)
ROM size for User in (
)
Fig. 6 Memory expansion plan for extended operating temperature version
Table 4 List of products for extended operating temperature version
M38227MCDXXXFP
1024
80P6N-A
Mask ROM version
32K
28K
24K
20K
16K
12K
8K
4K
256
384
512640
768
896
1024
192
RAM size (bytes)
ROM size (bytes)
48K
Mass product
M38227MCD


Similar Part No. - M38227ECHP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38227ECHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com