Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EPT20 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC100EPT20
Description  3.3V LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT20 Datasheet(HTML) 8 Page - ON Semiconductor

  MC100EPT20 Datasheet HTML 1Page - ON Semiconductor MC100EPT20 Datasheet HTML 2Page - ON Semiconductor MC100EPT20 Datasheet HTML 3Page - ON Semiconductor MC100EPT20 Datasheet HTML 4Page - ON Semiconductor MC100EPT20 Datasheet HTML 5Page - ON Semiconductor MC100EPT20 Datasheet HTML 6Page - ON Semiconductor MC100EPT20 Datasheet HTML 7Page - ON Semiconductor MC100EPT20 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC10EPT20, MC100EPT20
http://onsemi.com
8
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC10EPT20/D
ECLinPS is a trademark of Semiconductor Components INdustries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MC100EPT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EPT20D ONSEMI-MC100EPT20D Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100EPT20D ONSEMI-MC100EPT20D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EPT20DG ONSEMI-MC100EPT20DG Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
More results

Similar Description - MC100EPT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com