Electronic Components Datasheet Search |
|
TMS320F28030RSHS Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TMS320F28030RSHS Datasheet(HTML) 6 Page - Texas Instruments |
6 / 160 page Copyright © 2009–2016, Texas Instruments Incorporated Device Comparison Submit Documentation Feedback Product Folder Links: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034 TMS320F28035 6 TMS320F28030, TMS320F28031, TMS320F28032 TMS320F28033, TMS320F28034, TMS320F28035 SPRS584K – APRIL 2009 – REVISED JUNE 2016 www.ti.com (1) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the C2000 Real-Time Control Peripherals Reference Guide and in the peripheral reference guides. 3 Device Comparison Table 3-1 lists the features of the TMS320F2803x devices. Table 3-1. Device Comparison FEATURE TYPE (1) 28030 (60 MHz) 28031 (60 MHz) 28032 (60 MHz) 28033 (60 MHz) 28034 (60 MHz) 28035 (60 MHz) Package Type 80-Pin PN LQFP 64-Pin PAG TQFP 56-Pin RSH VQFN 80-Pin PN LQFP 64-Pin PAG TQFP 56-Pin RSH VQFN 80-Pin PN LQFP 64-Pin PAG TQFP 56-Pin RSH VQFN 80-Pin PN LQFP 64-Pin PAG TQFP 56-Pin RSH VQFN 80-Pin PN LQFP 64-Pin PAG TQFP 56-Pin RSH VQFN 80-Pin PN LQFP 64-Pin PAG TQFP 56-Pin RSH VQFN Instruction cycle – 16.67 ns 16.67 ns 16.67 ns 16.67 ns 16.67 ns 16.67 ns Control Law Accelerator (CLA) 0 No No No Yes No Yes On-chip flash (16-bit word) – 16K 32K 32K 32K 64K 64K On-chip SARAM (16-bit word) – 6K 8K 10K 10K 10K 10K Code security for on-chip flash/SARAM/OTP blocks – Yes Yes Yes Yes Yes Yes Boot ROM (8K x 16) – Yes Yes Yes Yes Yes Yes One-time programmable (OTP) ROM (16-bit word) – 1K 1K 1K 1K 1K 1K ePWM channels 1 14 12 8 14 12 8 14 12 8 14 12 8 14 12 8 14 12 8 eCAP inputs 0 1 1 1 1 1 1 eQEP modules 0 1 1 1 1 1 1 Watchdog timer – Yes Yes Yes Yes Yes Yes 12-Bit ADC MSPS 3 2.0 2.0 4.6 4.6 4.6 4.6 Conversion Time 500.00 ns 500.00 ns 216.67 ns 216.67 ns 216.67 ns 216.67 ns Channels 16 14 13 16 14 13 16 14 13 16 14 13 16 14 13 16 14 13 Temperature Sensor Yes Yes Yes Yes Yes Yes Dual Sample-and-Hold Yes Yes Yes Yes Yes Yes 32-Bit CPU timers – 3 3 3 3 3 3 High-resolution ePWM Channels 1 – – 7 6 4 7 6 4 7 6 4 7 6 4 High-resolution Capture (HRCAP) Modules 0 – – 2 2 – 2 2 – 2 2 – 2 2 – Comparators with Integrated DACs 0 3 3 3 3 3 3 Inter-integrated circuit (I2C) 0 1 1 1 1 1 1 Enhanced Controller Area Network (eCAN) 0 1 1 1 1 1 1 Local Interconnect Network (LIN) 0 1 1 1 1 1 1 Serial Peripheral Interface (SPI) 1 2 1 1 2 1 1 2 1 1 2 1 1 2 1 1 2 1 1 Serial Communications Interface (SCI) 0 1 1 1 1 1 1 I/O pins (shared) GPIO – 45 33 26 45 33 26 45 33 26 45 33 26 45 33 26 45 33 26 AIO – 6 6 6 6 6 6 |
Similar Part No. - TMS320F28030RSHS |
|
Similar Description - TMS320F28030RSHS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |