Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5517 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320C5517
Description  TMS320C5517 Fixed-Point Digital Signal Processor
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5517 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C5517_16 Datasheet HTML 4Page - Texas Instruments TMS320C5517_16 Datasheet HTML 5Page - Texas Instruments TMS320C5517_16 Datasheet HTML 6Page - Texas Instruments TMS320C5517_16 Datasheet HTML 7Page - Texas Instruments TMS320C5517_16 Datasheet HTML 8Page - Texas Instruments TMS320C5517_16 Datasheet HTML 9Page - Texas Instruments TMS320C5517_16 Datasheet HTML 10Page - Texas Instruments TMS320C5517_16 Datasheet HTML 11Page - Texas Instruments TMS320C5517_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 197 page
background image
TMS320C5517
SPRS727C – AUGUST 2012 – REVISED APRIL 2014
www.ti.com
Table 3-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
C5517
1.4-V Core
5 ns
1.05 V (75 MHz)
Core (V)
1.3 V (175 MHz)
Voltage
1.4 V (200 MHz)
I/O (V)
1.8 V, 2.75 V, 3.3 V
1.3 V or 1.05 V, 250 mA max current for the digital core (to be used
only to supply CVDD).
LDOs
DSP_LDO
Cannot be used to drive CVDD at the 1.4 V (>200 MHz) operating
range.
1.3 V, 4 mA max current for SAR and power management circuits
ANA_LDO
(to be used only to supply VDDA_ANA)
1.3 V, 25 mA max current for USB core digital and PHY circuits (to
USB_LDO
be used only to supply USB_VDD1P3 and USB_VDDA1P3)
Commercial Temperature (default)
TMS320C5517AZCH20
Temperature
Industrial Temperature
TMS320C5517AZCHA20
PLL
Phase Lock Loop
1 (Software Programmable PLL)
BGA Package
10 x 10 mm
196-Terminal BGA (ZCH), 0.65-mm Pitch
Product Preview (PP),
Product Status(2)
Advance Information (AI),
PD
or Production Data (PD)
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
8
Device Comparison
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C5517


Similar Part No. - TMS320C5517_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5517 TI-TMS320C5517_15 Datasheet
982Kb / 197P
[Old version datasheet]   TMS320C5517 Fixed-Point Digital Signal Processor
TMS320C5517 TI1-TMS320C5517_18 Datasheet
1Mb / 197P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5517_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5517 TI-TMS320C5517_15 Datasheet
982Kb / 197P
[Old version datasheet]   TMS320C5517 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com