Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6202BGNY250 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6202BGNY250
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6202BGNY250 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6202BGNY250 Datasheet HTML 1Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 2Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 3Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 4Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 5Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 6Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 7Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 8Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
TMS320C6202, TMS320C6202B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS104I -- OCTOBER 1999 -- REVISED MARCH 2004
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
GJL, GNZ, GLS, and GNY BGA packages (continued)
GNY 384-PIN BGA PACKAGE (BOTTOM VIEW) [C6202B only]
22
19
20
17
16
18
13
14
11
10
12
15
AA
U
W
N
R
8
7
5
4
6
J
L
E
G
2
1
A
C
3
9
21
B
D
F
H
K
M
P
T
V
Y
AB
description
The TMS320C6202 and TMS320C6202B devices are part of the TMS320C62x™ fixed-point DSP generation
in the TMS320C6000™ DSP platform. The C62x™ DSP devices are based on the high-performance, advanced
VelociTI™ very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making these
DSPs an excellent choice for multichannel and multifunction applications.
The TMS320C62x™ DSP offers cost-effective solutions to high-performance DSP-programming challenges.
The TMS320C6202/02B has a performance capability of up to 2400 million instructions per second (MIPS) at
300 MHz. The C6202/02B DSP possesses the operational flexibility of high-speed controllers and the numerical
capability of array processors. These processors have 32 general-purpose registers of 32-bit word length and
eight highly independent functional units. The eight functional units provide six arithmetic logic units (ALUs) for
a high degree of parallelism and two 16-bit multipliers for a 32-bit result. The C6202/02B can produce two
multiply-accumulates (MACs) per cycle. This gives a total of 600 million MACs per second (MMACS) for the
C6202/02B device. The C6202/02B DSP also has application-specific hardware logic, on-chip memory, and
additional on-chip peripherals.
The C6202/02B devices program memory consists of two blocks, with a 128K-byte block configured as
memory-mapped program space, and the other 128K-byte block user-configurable as cache or
memory-mapped program space. Data memory for the C6202/02B consists of two 64K-byte blocks of RAM.
TMS320C6000 is a trademark of Texas Instruments.


Similar Part No. - TMS320C6202BGNY250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202BGNY250 TI-TMS320C6202BGNY250 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGNY250 TI-TMS320C6202BGNY250 Datasheet
1Mb / 105P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6202BGNY250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com