Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28027DAQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28027DAQ
Description  Piccolo Microcontrollers
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28027DAQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F28027DAQ Datasheet HTML 2Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 3Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 4Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 5Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 6Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 7Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 8Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 9Page - Texas Instruments TMS320F28027DAQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 138 page
background image
Copyright © 2008–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200
6
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
SPRS523K – NOVEMBER 2008 – REVISED JUNE 2016
www.ti.com
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the C2000 Real-Time Control Peripherals Reference Guide and in the peripheral reference guides.
(2)
TMS320F28027F and TMS320F28026F are InstaSPIN-FOC-enabled MCUs. For more information, see Section 8.4 for a list of InstaSPIN Technical Reference Manuals.
3
Device Comparison
Table 3-1 lists the features of the TMS320F2802x devices.
Table 3-1. Device Comparison
FEATURE
TYPE
(1)
28027
28027F
(2)
(60 MHz)
28026
28026F
(2)
(60 MHz)
28023
(50 MHz)
28022
(50 MHz)
28021
(40 MHz)
28020
(40 MHz)
280200
(40 MHz)
Package Type
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
38-Pin DA
TSSOP
48-Pin PT
LQFP
Instruction cycle
16.67 ns
16.67 ns
20 ns
20 ns
25 ns
25 ns
25 ns
On-chip flash (16-bit word)
32K
16K
32K
16K
32K
16K
8K
On-chip SARAM (16-bit word)
6K
6K
6K
6K
5K
3K
3K
Code security for on-chip
flash/SARAM/OTP blocks
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Boot ROM (8K x 16)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM (16-
bit word)
1K
1K
1K
1K
1K
1K
1K
ePWM channels
1
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
eCAP inputs
0
1
1
1
1
1
1
Watchdog timer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
12-Bit ADC
MSPS
3
4.6
4.6
3
3
2
2
2
Conversion Time
216.67 ns
216.67 ns
260 ns
260 ns
500 ns
500 ns
500 ns
Channels
7
13
7
13
7
13
7
13
7
13
7
13
7
13
Temperature Sensor
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Dual Sample-and-Hold
Yes
Yes
Yes
Yes
Yes
Yes
Yes
32-Bit CPU timers
3
3
3
3
3
3
3
High-resolution ePWM Channels
1
4 (ePWM1A/2A/3A/4A)
4 (ePWM1A/2A/3A/4A)
4 (ePWM1A/2A/3A/4A)
4 (ePWM1A/2A/3A/4A)
Comparators w/ Integrated DACs
0
1
2
1
2
1
2
1
2
1
2
1
2
1
2
Inter-integrated circuit (I2C)
0
1
1
1
1
1
1
1
Serial Peripheral Interface (SPI)
1
1
1
1
1
1
1
1
Serial Communications Interface (SCI)
0
1
1
1
1
1
1
1
I/O pins (shared)
Digital (GPIO)
20
22
20
22
20
22
20
22
20
22
20
22
20
22
Analog (AIO)
6
6
6
6
6
6
6
External interrupts
3
3
3
3
3
3
3
Supply voltage (nominal)
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V


Similar Part No. - TMS320F28027DAQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28027DAQ TI-TMS320F28027DAQ Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027DAQ TI1-TMS320F28027DAQ Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027DAQ TI1-TMS320F28027DAQ Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027DAQ TI1-TMS320F28027DAQ Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027DAQ TI-TMS320F28027DAQ Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
More results

Similar Description - TMS320F28027DAQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com