Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N326003 Datasheet(PDF) 1 Page - E-SWITCH

Part # N326003
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

N326003 Datasheet(HTML) 1 Page - E-SWITCH

  N326003 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3215AF160YQ
4:1
1/15/2015
N326003
A
rc
1
1
12
34
56
PCB LAYOUT
-+
Forward Current
(mA)
20
LED Color
YELLOW
LED Specifications
Luminous Intensity
(mcd)
Forward Voltage
(V @ 20mA)
2.05 typ - 2.4 max
70 typ
1
2
3
4
5
6
A
21769
New Release
1/16/15
rc
4.90
[.193 in]
4.90
[.193 in]
.50
[.020 in]
3.00
[.118 in]
.05
[.002 in]
1.45
[.057 in]
2.00
[.079 in]
6.00
[.236 in]
3.70
[.146 in]
3.60
[.142 in]
1.00
[.039 in]
.3
[.012 in]
MAX.
.50
[.020 in]
5.00
[.197 in]
.10
[.004 in]
.40
[.016 in]
R1.75
[.069 in]
4
2
1
CIRCUIT: SPST
3
LED
6
5
+
-
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN @ 500VDC.
6. OPERATING FORCE: 160
50gf
7. TRAVEL: 0.25+01/-0.2mm
8. OPERATING TEMPURATURE: -40
C TO 85C
9. OPEREATING LIFE: 1,000,000 CYCLES
10. LED COLOR: YELLOW
11.
DENOTES CRITICAL PARAMETERS
12. 2002/95/EC (ROHS) COMPLIANT
3.40
[.134 in]
5.40
[.213 in]
5.30
[.209 in]
7.00
[.276 in]
4.30
[.169 in]
3.10
[.122 in]
1.00
[.039 in]
3.70
[.146 in]
3.31
[.130 in]
.40
[.016 in]


Similar Part No. - N326003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N326000 E-SWITCH-N326000 Datasheet
132Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
N326001 E-SWITCH-N326001 Datasheet
132Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
N326002 E-SWITCH-N326002 Datasheet
132Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
N326004 E-SWITCH-N326004 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - N326003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com