Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C040 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS27C040
Description  PROGRAMMABLE READ-ONLY MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C040 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS27C040_08 Datasheet HTML 3Page - Texas Instruments TMS27C040_08 Datasheet HTML 4Page - Texas Instruments TMS27C040_08 Datasheet HTML 5Page - Texas Instruments TMS27C040_08 Datasheet HTML 6Page - Texas Instruments TMS27C040_08 Datasheet HTML 7Page - Texas Instruments TMS27C040_08 Datasheet HTML 8Page - Texas Instruments TMS27C040_08 Datasheet HTML 9Page - Texas Instruments TMS27C040_08 Datasheet HTML 10Page - Texas Instruments TMS27C040_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TMS27C040 524288 BY 8BIT UV ERASABLE
TMS27PC040 524288 BY 8BIT
PROGRAMMABLE READONLY MEMORY
SMLS040F − NOVEMBER 1990 − REVISED SEPTEMBER 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of operating conditions (see Notes 3
and 4)
PARAMETER
TEST CONDITIONS
’27C040-10
’27 PC040-10
’27C040-12
’27 PC040-12
’27C040-15
’27 PC040-15
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
100
120
150
ns
ta(E)
Access time from chip enable
CL = 100 pF,
100
120
150
ns
ten(G) Output enable time from G
CL = 100 pF,
1 Series 74
TTL load,
50
50
50
ns
tdis
Output disable time from G or E, whichever
occurs first
1 Series 74
TTL load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
50
0
50
0
50
ns
tv(A)
Output data valid time after change of
address, E, or G, whichever occurs first†
Input tf ≤ 20 ns
0
0
0
ns
† Value calculated from 0.5-V delta to measured output level.
NOTES:
3. For all switching characteristics the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low. (See Figure 2)
4. Common test conditions apply for tdis except during programming.
switching characteristics for programming: VCC = 6.5 V and VPP = 13 V (SNAP! Pulse), TA = 25°C
(see Note 3)
PARAMETER
MIN
MAX
UNIT
tdis(G)
Output disable time from G
0
100
ns
ten(G)
Output enable time from G
150
ns
NOTE 3: For all switching characteristics the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low. (See Figure 2)
timing requirements for programming
MIN
NOM
MAX
UNIT
tw(PGM)
Pulse duration, program
SNAP! Pulse programming algorithm
95
100
105
µs
tsu(A)
Setup time, address
2
µs
tsu(E)
Setup time, E
2
µs
tsu(G)
Setup time, G
2
µs
tsu(D)
Setup time, data
2
µs
tsu(VPP)
Setup time, VPP
2
µs
tsu(VCC) Setup time, VCC
2
µs
th(A)
Hold time, address
0
µs
th(D)
Hold time, data
2
µs


Similar Part No. - TMS27C040_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS27C040 TI-TMS27C040 Datasheet
193Kb / 15P
[Old version datasheet]   READ-ONLY MEMORIES
More results

Similar Description - TMS27C040_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com