Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS29F040-75C5FMLR Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS29F040-75C5FMLR
Description  Erase-Suspend/Erase-Resume Operation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS29F040-75C5FMLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS29F040-75C5FMLR Datasheet HTML 4Page - Texas Instruments TMS29F040-75C5FMLR Datasheet HTML 5Page - Texas Instruments TMS29F040-75C5FMLR Datasheet HTML 6Page - Texas Instruments TMS29F040-75C5FMLR Datasheet HTML 7Page - Texas Instruments TMS29F040-75C5FMLR Datasheet HTML 8Page - Texas Instruments TMS29F040-75C5FMLR Datasheet HTML 9Page - Texas Instruments TMS29F040-75C5FMLR Datasheet HTML 10Page - Texas Instruments TMS29F040-75C5FMLR Datasheet HTML 11Page - Texas Instruments TMS29F040-75C5FMLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TMS29F040
524288 BY 8BIT
FLASH MEMORY
SMJS820C − APRIL 1996 − REVISED JUNE 1998
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
byte-program command (continued)
the fourth bus cycle, and then the rising edge of W starts the byte-program operation. The embedded
byte-programming function automatically provides needed voltage and timing to program and to verify the cell
margin. Any further commands written to the device during the program operation are ignored.
Programming can be performed at any address location in any order, resulting in logic 0s being programmed
into the device. Attempting to program logic 1 into a bit that has been previously programmed to a logic 0 causes
the internal pulse counter to exceed the pulse-count limit. This sets the exceed-timing-limit indicator (DQ5) to
a logic-high state. Only an erase operation can change bits from logic 0s to logic 1s. When erased, all bits are
in a logic 1 state. Figure 3 shows a flow chart of the typical byte-programming operation.
The status of the device during the automatic programming operation can be monitored for completion using
the data-polling feature or the toggle-bit feature. See the operation status section for a full description.
chip-erase command
Chip erase is a six-bus-cycle command sequence. The first three bus cycles put the device into the erase-setup
state. The next two bus cycles unlock the erase mode, and then the sixth bus cycle loads the chip-erase
command. This command sequence is required to ensure that the memory contents are not erased accidentally.
The rising edge of W starts the chip-erase operation. Any further commands written to the device during the
chip-erase operation are ignored.
The embedded chip-erase function automatically provides the voltage and timing needed to program and verify
all the memory cells prior to electrical erase, and then erases and verifies the cell margin automatically. The user
is not required to program the memory cells prior to erase. The status of the device during the automatic
chip-erase operation can be monitored for completion using the data-polling feature or the toggle-bit feature.
See the operation status section for a full description. Figure 6 shows a flow chart of the typical chip-erase
operation.
sector-erase command
Sector erase is a six-bus-cycle command sequence. The first three bus cycles cause the device to go into the
erase-setup state. The next two bus cycles unlock the erase mode, and the sixth bus cycle loads the
sector-erase command and the sector-address location to be erased. Any address location within the desired
sector can be used. The addresses are latched on the falling edge of W and the sector-erase command (30h)
is latched on the rising edge of W in the sixth bus cycle. After a delay of 80
µs from the rising edge of W, the
sector-erase operation begins on the selected sector(s).
Additional sectors can be selected to be erased concurrently during the sector-erase command sequence. For
each additional sector selected for erase, another bus cycle is issued. The bus cycle loads the next
sector-address location and the sector-erase command. The time between the end of the previous bus cycle
and the start of the next bus cycle must be less than 80
µs—otherwise, the new sector location is not loaded.
A time delay of 80
µs from the rising edge of the last W starts the sector-erase operation. If there is a falling edge
of W within the 80-
µs time delay, the timer is reset.
One to eight sector-address locations can be loaded in any order. The state of the delay timer can be monitored
using the sector-erase-delay indicator (DQ3). If DQ3 is logic low, the time delay has not expired. See the
operation status section for a description.
Any command other than erase-suspend (B0h) or sector-erase (30h) written to the device during the
sector-erase operation causes the device to exit the sector-erase mode and the contents of the sector(s)
selected for erase are no longer valid. To complete the sector-erase operation, the sector-erase command
sequence must be repeated.
The embedded sector-erase function automatically provides needed voltage and timing to program and to verify
all of the memory cells prior to electrical erase and then erases and verifies the cell margin automatically.
Programming the memory cells prior to erase is not required. The status of the device during the automatic


Similar Part No. - TMS29F040-75C5FMLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS29F040-75C5FMLR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3370K PANASONIC-AN3370K Datasheet
42Kb / 4P
   Flying-Erase IC
logo
ATMEL Corporation
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
   Sector Erase Architecture
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
   Automated Erase Operations
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Micross Components
AS8F128K32 MICROSS-AS8F128K32 Datasheet
560Kb / 22P
   Supports Full Chip Erase
logo
Megawin Technology Co.,...
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
ATMEL Corporation
AT45D081A ATMEL-AT45D081A_14 Datasheet
435Kb / 28P
   Optional Page and Block Erase Operations
logo
Winbond
W19B160BTT7H WINBOND-W19B160BTT7H Datasheet
542Kb / 47P
   2.7~3.6-volt write (program and erase) operations, Fast write operation
logo
ATMEL Corporation
AT45DB021A ATMEL-AT45DB021A_14 Datasheet
421Kb / 28P
   Optional Page and Block Erase Operations
AT45D041A ATMEL-AT45D041A_14 Datasheet
424Kb / 28P
   Optional Page and Block Erase Operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com