Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS29F040-90C5FML Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS29F040-90C5FML
Description  Erase-Suspend/Erase-Resume Operation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS29F040-90C5FML Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS29F040-90C5FML Datasheet HTML 3Page - Texas Instruments TMS29F040-90C5FML Datasheet HTML 4Page - Texas Instruments TMS29F040-90C5FML Datasheet HTML 5Page - Texas Instruments TMS29F040-90C5FML Datasheet HTML 6Page - Texas Instruments TMS29F040-90C5FML Datasheet HTML 7Page - Texas Instruments TMS29F040-90C5FML Datasheet HTML 8Page - Texas Instruments TMS29F040-90C5FML Datasheet HTML 9Page - Texas Instruments TMS29F040-90C5FML Datasheet HTML 10Page - Texas Instruments TMS29F040-90C5FML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TMS29F040
524288 BY 8BIT
FLASH MEMORY
SMJS820C − APRIL 1996 − REVISED JUNE 1998
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
command definitions (continued)
Table 3. Command Definitions
COMMAND
BUS
CYCLES
1ST CYCLE
ADDR DATA
2ND CYCLE
ADDR DATA
3RD CYCLE
ADDR DATA
4TH CYCLE
ADDR DATA
5TH CYCLE
ADDR DATA
6TH CYCLE
ADDR DATA
Read‡
1
RA
RD
Reset/Read§
2
XXXXh
F0h
RA
RD
Reset/Read§
4
5555h
AAh
2AAAh
55h
5555h
F0h
RA
RD
Algorithm selection
4
5555h
AAh
2AAAh
55h
5555h
90h
RA
RD
Byte program
4
5555h
AAh
2AAAh
55h
5555h
A0h
PA
PD
Chip erase
6
5555h
AAh
2AAAh
55h
5555h
80h
5555h
AAh
2AAAh
55h
5555h
10h
Sector erase
6
5555h
AAh
2AAAh
55h
5555h
80h
5555h
AAh
2AAAh
55h
SA
30h
Sector-erase suspend
XXXXh
B0h
Erase-suspend valid during sector-erase operation
Sector-erase resume
XXXXh
30h
Erase-resume valid only after erase-suspend
RA = Address of the location to be read
PA
= Address of the location to be programmed
SA = Address of the sector to be erased
Addresses A16, A17, and A18 select one of eight sectors
RD = Data to be read at selected address location
PD = Data to be programmed at selected address location
† Address pins A15, A16, A17, A18 = VIL or VIH for all bus-cycle addresses except for program address (PA), sector address (SA), and read address
(RA).
‡ No command cycles are required when the device is in read mode.
§ The reset command is required to return to the read mode when the device is in the algorithm-selection mode or if DQ5 goes high.
reset / read command
The read mode is activated by writing either of the two reset command sequences into the command register.
The device remains in this mode until one of the other valid command sequences is input into the command
register. Memory data is available in the read mode and can be read with standard microprocessor read-cycle
timing.
On power up, the device defaults to the read mode; therefore, a reset command sequence is not required and
memory data is available.
algorithm-selection command
The algorithm-selection command allows access to a binary code that matches the device with the proper
programming- and erase-command operations. After writing the three-bus-cycle command sequence, the first
byte of the algorithm-selection code (01h) can be read from address XX00h. The second byte of the code (A4h)
can be read from address XX01h (see Table 2). This mode remains in effect until another valid command
sequence is written to the device.
Sector-protection can be determined using the algorithm-selection command. After issuing the three bus-cycle
command sequence, the sector-protection status can be read on DQ0. Set address pins A0 = VIL and A1 = VIH.
The sector address pins A16, A17, and A18 select the sector to be checked. The remaining address pins can
be set to VIL or VIH. If the sector that is selected is protected, DQ0 outputs a 1. If the sector selected is not
protected, DQ0 outputs a 0. This mode remains in effect until another valid command sequence is written to
the device.
byte-program command
Byte-programming is a four-bus-cycle command sequence. The first three bus cycles put the device into the
program-setup state. The fourth bus cycle loads the address location and the data to be programmed into the
device. The addresses are latched on the falling edge of W and the data is latched on the rising edge of W in


Similar Part No. - TMS29F040-90C5FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS29F040-90C5FML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3370K PANASONIC-AN3370K Datasheet
42Kb / 4P
   Flying-Erase IC
logo
ATMEL Corporation
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
   Sector Erase Architecture
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
   Automated Erase Operations
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Micross Components
AS8F128K32 MICROSS-AS8F128K32 Datasheet
560Kb / 22P
   Supports Full Chip Erase
logo
Megawin Technology Co.,...
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
ATMEL Corporation
AT45D081A ATMEL-AT45D081A_14 Datasheet
435Kb / 28P
   Optional Page and Block Erase Operations
logo
Winbond
W19B160BTT7H WINBOND-W19B160BTT7H Datasheet
542Kb / 47P
   2.7~3.6-volt write (program and erase) operations, Fast write operation
logo
ATMEL Corporation
AT45DB021A ATMEL-AT45DB021A_14 Datasheet
421Kb / 28P
   Optional Page and Block Erase Operations
AT45D041A ATMEL-AT45D041A_14 Datasheet
424Kb / 28P
   Optional Page and Block Erase Operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com