Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6712 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6712
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6712 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6712 Datasheet HTML 2Page - Texas Instruments TMS320C6712 Datasheet HTML 3Page - Texas Instruments TMS320C6712 Datasheet HTML 4Page - Texas Instruments TMS320C6712 Datasheet HTML 5Page - Texas Instruments TMS320C6712 Datasheet HTML 6Page - Texas Instruments TMS320C6712 Datasheet HTML 7Page - Texas Instruments TMS320C6712 Datasheet HTML 8Page - Texas Instruments TMS320C6712 Datasheet HTML 9Page - Texas Instruments TMS320C6712 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
TMS320C6712, TMS320C6712C
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SPRS148M − AUGUST 2000 − REVISED NOVEMBER 2005
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C67x
 DSPs (including the TMS320C6712, TMS320C6712C, TMS320C6712D devices) are
members of the floating-point DSP family in the TMS320C6000
 DSP platform. The C6712, C6712C and
C6712D devices are based on the high-performance, advanced very-long-instruction-word (VLIW) architecture
developed by Texas Instruments (TI), making these DSPs an excellent choice for multichannel and multifunction
applications.
With performance of up to 900 million floating-point operations per second (MFLOPS) at a clock rate of
150 MHz, the C6712C device is the lowest-cost DSP in the C6000
 DSP platform. The C6712C DSP
possesses the operational flexibility of high-speed controllers and the numerical capability of array processors.
This processor has 32 general-purpose registers of 32-bit word length and eight highly independent functional
units. The eight functional units provide four floating-/fixed-point ALUs, two fixed-point ALUs, and two
floating-/fixed-point multipliers. The C6712C can produce two MACs per cycle for a total of 300 MMACS.
With performance of up to 600 million floating-point operations per second (MFLOPS) at a clock rate of
100 MHz, the C6712 device also offers cost-effective solutions to high-performance DSP programming
challenges. The C6712 DSP possesses the operational flexibility of high-speed controllers and the numerical
capability of array processors. This processor has 32 general-purpose registers of 32-bit word length and eight
highly independent functional units. The eight functional units provide four floating-/fixed-point ALUs, two
fixed-point ALUs, and two floating-/fixed-point multipliers. The C6712 can produce two multiply-accumulates
(MACs) per cycle for a total of 200 million MACs per second (MMACS).
The C6712/C6712C uses a two-level cache-based architecture and has a powerful and diverse set of
peripherals. The Level 1 program cache (L1P) is a 32-Kbit direct mapped cache and the Level 1 data cache
(L1D) is a 32-Kbit 2-way set-associative cache. The Level 2 memory/cache (L2) consists of a 512-Kbit memory
space that is shared between program and data space. L2 memory can be configured as mapped memory,
cache, or combinations of the two. The peripheral set includes two multichannel buffered serial ports (McBSPs),
two general-purpose timers, and a glueless 16-bit external memory interface (EMIF) capable of interfacing to
SDRAM, SBSRAM, and asynchronous peripherals. The C6712C device also includes a dedicated
general-purpose input/output (GPIO) peripheral module.
The C6712/C6712C DSPs also have application-specific hardware logic, on-chip memory, and additional
on-chip peripherals.
The C6712/C6712C has a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows
 debugger interface for visibility into source
code execution.
TMS320C6000 and C6000 are trademarks of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.
† Throughout the remainder of this document, the TMS320C6712 and TMS320C6712C shall be referred to as TMS320C67x or C67x where
generic, and where specific, their individual full device part numbers will be used or abbreviated as C6712, C6712C, 12, or 12C, etc.


Similar Part No. - TMS320C6712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI-TMS320C6712 Datasheet
1Mb / 110P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712C TI-TMS320C6712C Datasheet
1Mb / 110P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712D TI-TMS320C6712D Datasheet
1Mb / 110P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712D TI1-TMS320C6712D Datasheet
1Mb / 103P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6712DGDP150 TI1-TMS320C6712DGDP150 Datasheet
1Mb / 103P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com