Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6678AXCYP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6678AXCYP
Description  Multicore Fixed and Floating-Point Digital Signal Processor
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6678AXCYP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C6678AXCYP Datasheet HTML 7Page - Texas Instruments TMS320C6678AXCYP Datasheet HTML 8Page - Texas Instruments TMS320C6678AXCYP Datasheet HTML 9Page - Texas Instruments TMS320C6678AXCYP Datasheet HTML 10Page - Texas Instruments TMS320C6678AXCYP Datasheet HTML 11Page - Texas Instruments TMS320C6678AXCYP Datasheet HTML 12Page - Texas Instruments TMS320C6678AXCYP Datasheet HTML 13Page - Texas Instruments TMS320C6678AXCYP Datasheet HTML 14Page - Texas Instruments TMS320C6678AXCYP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 247 page
background image
TMS320C6678
SPRS691E—November 2010—Revised March 2014
Copyright 2014 Texas Instruments Incorporated
List of Tables
11
Submit Documentation Feedback
List of Tables
Table 2-1
Device Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 2-2
Memory Map Summary. . . . . . . . . . . . . . . . . . . . . . . . 17
Table 2-3
Bootloader section in L2 SRAM . . . . . . . . . . . . . . . . 23
Table 2-4
Boot Mode Pins: Boot Device Values . . . . . . . . . . . 25
Table 2-5
Extended Boot Modes . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 2-6
No Boot / EMIF16 Configuration
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 2-7
Serial Rapid I/O Configuration
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 2-8
Ethernet (SGMII) Configuration
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 2-9
PCI Device Configuration Field Descriptions . . . . 27
Table 2-10
BAR Config / PCIe Window Sizes . . . . . . . . . . . . . . . 28
Table 2-11
I2C Master Mode Device Configuration
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 2-12
I2C Passive Mode Device Configuration
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 2-13
SPI Device Configuration Field Descriptions . . . . 29
Table 2-14
HyperLink Boot Device Configuration
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 2-15
Boot Parameter Table Common Parameters . . . . 31
Table 2-16
EMIF16 Boot Mode Parameter Table . . . . . . . . . . . 31
Table 2-17
SRIO Boot Mode Parameter Table . . . . . . . . . . . . . . 32
Table 2-18
Ethernet Boot Mode Parameter Table . . . . . . . . . . 32
Table 2-19
PCIe Boot Mode Parameter Table . . . . . . . . . . . . . . 34
Table 2-20
I2C Boot Mode Parameter Table. . . . . . . . . . . . . . . . 34
Table 2-21
SPI Boot Mode Parameter Table. . . . . . . . . . . . . . . . 35
Table 2-22
HyperLink Boot Mode Parameter Table . . . . . . . . 36
Table 2-23
DDR3 Boot Parameter Table . . . . . . . . . . . . . . . . . . . 37
Table 2-24
C66x DSP System PLL Configuration . . . . . . . . . . . 38
Table 2-25
I/O Functional Symbol Definitions . . . . . . . . . . . . . 44
Table 2-26
Terminal Functions — Signals and Control
by Function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 2-27
Terminal Functions — Power and Ground. . . . . . 57
Table 2-28
Terminal Functions — By Signal Name . . . . . . . . . 58
Table 2-29
Terminal Functions — By Ball Number . . . . . . . . . 63
Table 3-1
TMS320C6678 Device Configuration Pins . . . . . . 73
Table 3-2
Device State Control Registers . . . . . . . . . . . . . . . . . 74
Table 3-3
Device Status Register Field Descriptions. . . . . . . 78
Table 3-4
Device Configuration Register (DEVCFG)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Table 3-5
JTAG ID Register (JTAGID) Field Descriptions . . . 79
Table 3-6
DSP BOOT Address Register
(DSP_BOOT_ADDRn) Field Descriptions . . . . . . . . 80
Table 3-7
LRESETNMI PIN Status Register
(LRSTNMIPINSTAT) Field Descriptions . . . . . . . . . . 81
Table 3-8
LRESETNMI PIN Status Clear Register
(LRSTNMIPINSTAT_CLR) Field Descriptions . . . . . 81
Table 3-9
Reset Status Register (RESET_STAT) Field
Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Table 3-10
Reset Status Clear Register
(RESET_STAT_CLR) Field Descriptions . . . . . . . . . . 84
Table 3-11
Boot Complete Register (BOOTCOMPLETE)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Table 3-12
Power State Control Register (PWRSTATECTL)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
Table 3-13
NMI Generation Register (NMIGRx)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .87
Table 3-14
IPC Generation Registers (IPCGRx)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .87
Table 3-15
IPC Acknowledgement Registers (IPCARx)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .88
Table 3-16
IPC Generation Registers (IPCGRH)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .89
Table 3-17
IPC Acknowledgement Register (IPCARH)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .89
Table 3-18
Timer Input Selection Field Description
(TINPSEL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Table 3-19
Timer Output Selection Register (TOUTPSEL)
Field Description. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
Table 3-20
Reset Mux Register (RSTMUXx)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .94
Table 3-21
DSP Suspension Control Register
(DSP_SUSP_CTL) Field Descriptions. . . . . . . . . . . . .95
Table 3-22
Device Speed Register (DEVSPEED)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .96
Table 3-23
Chip Miscellaneous Control Register
(CHIP_MISC_CTL) Field Descriptions . . . . . . . . . . . . 96
Table 4-1
Switch Fabric Connection Matrix Section 1. . . . .101
Table 4-2
Switch Fabric Connection Matrix Section 2. . . . .104
Table 4-3
Switch Fabric Connection Matrix Section 3. . . . .105
Table 5-1
Available Memory Page Protection Schemes . . .113
Table 5-2
CorePac Revision ID Register (MM_REVID)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .115
Table 6-1
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . .116
Table 6-2
Recommended Operating Conditions . . . . . . . . .117
Table 6-3
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . .118
Table 6-4
Power Supply to Peripheral I/O Mapping . . . . . .119
Table 7-1
Power Supply Rails on the TMS320C6678 . . . . . .121
Table 7-2
Core Before IO Power Sequencing . . . . . . . . . . . . .124
Table 7-3
IO Before Core Power Sequencing . . . . . . . . . . . . .126
Table 7-4
Clock Sequencing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .127
Table 7-5
SmartReflex 4-Pin VID Interface Switching
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .128
Table 7-6
Power Domains . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .129
Table 7-7
Clock Domains. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .130
Table 7-8
PSC Register Memory Map . . . . . . . . . . . . . . . . . . . .131
Table 7-9
Reset Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .133
Table 7-10
Reset Timing Requirements . . . . . . . . . . . . . . . . . . .138
Table 7-11
Reset Switching Characteristics Over
Recommended Operating Conditions . . . . . . . . .138
Table 7-12
Boot Configuration Timing Requirements. . . . . .139
Table 7-13
Main PLL Stabilization, Lock, and Reset Times . .142
Table 7-14
PLL Controller Registers (Including Reset
Controller) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .143
Table 7-15
PLL Secondary Control Register (SECCTL)
Field Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .144


Similar Part No. - TMS320C6678AXCYP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6678AXCYP TI1-TMS320C6678AXCYP Datasheet
2Mb / 242P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678AXCYP25 TI1-TMS320C6678AXCYP25 Datasheet
2Mb / 242P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678AXCYPA TI1-TMS320C6678AXCYPA Datasheet
2Mb / 242P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6678AXCYP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI-TMS320C6672_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com