Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75325N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75325N
Description  Memory Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75325N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75325N Datasheet HTML 1Page - National Semiconductor (TI) DS75325N Datasheet HTML 2Page - National Semiconductor (TI) DS75325N Datasheet HTML 3Page - National Semiconductor (TI) DS75325N Datasheet HTML 4Page - National Semiconductor (TI) DS75325N Datasheet HTML 5Page - National Semiconductor (TI) DS75325N Datasheet HTML 6Page - National Semiconductor (TI) DS75325N Datasheet HTML 7Page - National Semiconductor (TI) DS75325N Datasheet HTML 8Page - National Semiconductor (TI) DS75325N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC1 (Note 5)
7V
Supply Voltage VCC2 (Note 5)
25V
Input Voltage (Any Address or Strobe Input)
55V
Maximum Power Dissipation at 25 C
Cavity Package
1509 mW
Molded Package
1476 mW
Derate Cavity Package 101 mW C above 25 C derate molded package
118 mW C above 25 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
(Soldering 10 seconds)
300 C
Operating Conditions
Min
Max
Units
Temperature (TA)
DS75325
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High Level Input Voltage
(Figures 1 and 2)
2V
VIL
Low Level Input Voltage
(Figures 3 and 4)
08
V
VI
Input Clamp Voltage
VCC1 e 45V VCC2 e 24V IIN eb12 mA
b
13
b
17
V
TA e 25 C (Figure 5)
IOFF
Source Collectors Terminal
VCC1 e 45V VCC2 e 24V
Full Range
DS55325
500
m
A
‘‘Off’’ State Current
(Figure 1)
DS75325
200
m
A
TA e 25 C
DS55325
3
150
m
A
DS75325
3
200
m
A
VOH
High Level Sink Output Voltage
VCC1 e 45V VCC2 e 24V IOUT e 0mA (Figure 2)
19
23
V
VSAT
Saturation Voltage Source
VCC1 e 45V VCC2 e 15V
Full Range
09
V
Outputs
RL e 24X
ISOURCE
b
600 mA
TA e 25 C
DS55325
043
07
V
(Figure 3) (Notes 4 and 6)
DS75325
043
075
V
VSAT
Saturation Voltage
VCC1 e 45V VCC2 e 15V
Full Range
09
V
Sink Outputs
RL e 24X
ISINK
600 mA
(Figure 4)
TA e 25 C
DS55325
043
07
V
(Notes 4 and 6)
DS75325
043
075
V
II
Input Current at Maximum
VCC1 e 55V VCC2 e 24V
Address Inputs
1
mA
Input Voltage
VI e 55V (Figure 5)
Strobe Inputs
2
mA
IIH
High Level Input Current
VCC1 e 55V VCC2 e 24V
Address Inputs
3
40
m
A
VI e 24V (Figure 5)
Strobe Inputs
6
80
m
A
IIL
Low Level Input Current
VCC1 e 55V VCC2 e 24V
Address Inputs
b
1
b
16
mA
VI e 04V (Figure 5)
Strobe Inputs
b
2
b
32
mA
ICC OFF
Supply Current All Sources
VCC1 e 55V VCC2 e 24V
VCC1
14
22
mA
and Sinks ‘‘Off’’
TA e 25 C (Figure 6)
VCC2
75
20
mA
ICC1
Supply Current from VCC1
VCC1 e 55V VCC2 e 24V ISINK e 50 mA
55
70
mA
Either Sink ‘‘On’’
TA e 25 C (Figure 7)
ICC2
Supply Current from VCC2
VCC1 e 55V VCC2 e 24V ISOURCE eb50 mA
32
50
mA
Either Source ‘‘On’’
TA e 25 C (Figure 8)
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS55325 and across the 0 Cto a70 C range for
the DS75325 All typical values are at TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
Only one output at a time should be shorted
Note 5
Voltage values are with respect to network ground terminal
Note 6
These parameters must be measured using pulse techniques tW e 200 ms duty cycle s2%
2


Similar Part No. - DS75325N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75361 NSC-DS75361 Datasheet
142Kb / 6P
   Dual TTL-to-MOS Driver
DS75361N NSC-DS75361N Datasheet
142Kb / 6P
   Dual TTL-to-MOS Driver
DS75365 NSC-DS75365 Datasheet
186Kb / 8P
   Quad TTL-to-MOS Driver
DS75365N NSC-DS75365N Datasheet
186Kb / 8P
   Quad TTL-to-MOS Driver
DS75365WM NSC-DS75365WM Datasheet
186Kb / 8P
   Quad TTL-to-MOS Driver
More results

Similar Description - DS75325N

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM2965 AMD-AM2965 Datasheet
414Kb / 9P
   Octal Dynamic Memory Drivers with Three-State Outputs
logo
Texas Instruments
SN54ABT5403 TI-SN54ABT5403 Datasheet
106Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI1-SN54ABT5402A_14 Datasheet
530Kb / 12P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5401 TI-SN54ABT5401 Datasheet
106Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400 TI1-SN54ABT5400 Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400A TI-SN54ABT5400A Datasheet
105Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI-SN54ABT5402A Datasheet
105Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5402 TI1-SN74ABT5402 Datasheet
251Kb / 11P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI1-SN54ABT5403_09 Datasheet
304Kb / 9P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2828A TI1-SN54BCT2828A Datasheet
304Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com