Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72VL15PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72VL15PF
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72VL15PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72VL15PF Datasheet HTML 1Page - Integrated Device Technology IDT72VL15PF Datasheet HTML 2Page - Integrated Device Technology IDT72VL15PF Datasheet HTML 3Page - Integrated Device Technology IDT72VL15PF Datasheet HTML 4Page - Integrated Device Technology IDT72VL15PF Datasheet HTML 5Page - Integrated Device Technology IDT72VL15PF Datasheet HTML 6Page - Integrated Device Technology IDT72VL15PF Datasheet HTML 7Page - Integrated Device Technology IDT72VL15PF Datasheet HTML 8Page - Integrated Device Technology IDT72VL15PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V223/233/243/253/263/273/283/293 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
512 x 18, 1K x 9/18, 2K x 9/18, 4K x 9/18, 8K x 9/18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9
not have to be asserted for accessing the first word. However, subsequent
words written to the FIFO do require a LOW on
REN for access. The state of
the FWFT/SI input during Master Reset determines the timing mode in use.
For applications requiring more data storage capacity than a single FIFO
canprovide,theFWFTtimingmodepermitsdepthexpansionbychainingFIFOs
in series (i.e. the data outputs of one FIFO are connected to the corresponding
data inputs of the next). No external logic is required.
These FIFOs have five flag pins,
EF/OR (Empty Flag or Output Ready),
FF/IR (Full Flag or Input Ready), HF (Half-full Flag), PAE (Programmable
Almost-Empty flag) and
PAF (Programmable Almost-Full flag). The EF and
FFfunctionsareselectedinIDTStandardmode.TheIRandORfunctionsare
selected in FWFT mode.
HF, PAE and PAF are always available for use,
irrespective of timing mode.
PAE and PAFcanbeprogrammedindependentlytoswitchatanypointin
memory.Programmableoffsetsdeterminetheflagswitchingthresholdandcan
beloadedbytwomethods:parallelorserial.Eightdefaultoffsetsettingsarealso
provided, so that
PAEcanbesettoswitchatapredefinednumberoflocations
from the empty boundary and the
PAF threshold can also be set at similar
predefinedvaluesfromthefullboundary.Thedefaultoffsetvaluesaresetduring
Master Reset by the state of the FSEL0, FSEL1, and
LD pins.
Forserialprogramming,
SENtogetherwithLDoneachrisingedgeofWCLK,
are used to load the offset registers via the Serial Input (SI). For parallel
programming,
WENtogetherwith LD oneachrisingedgeofWCLK,areused
to load the offset registers via Dn.
REN together with LD on each rising edge
ofRCLKcanbeusedtoreadtheoffsetsinparallelfromQnregardlessofwhether
serial or parallel offset loading has been selected.
During Master Reset (
MRS) the following events occur: the read and
write pointers are set to the first location of the FIFO. The FWFT pin selects
IDT Standard mode or FWFT mode.
The Partial Reset (
PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode, programmable flag
programming method, and default or programmed offset settings existing
beforePartialResetremainunchanged.Theflagsareupdatedaccordingtothe
timing mode and offsets in effect.
PRS is useful for resetting a device in mid-
operation, when reprogramming programmable flags would be undesirable.
Itisalsopossibletoselectthetimingmodeofthe
PAE(ProgrammableAlmost-
Empty flag) and
PAF (Programmable Almost-Full flag) outputs. The timing
modes can be set to be either asynchronous or synchronous for the
PAEand
PAFflags.
If asynchronous
PAE/PAF configuration is selected, the PAEis asserted
LOWontheLOW-to-HIGHtransitionofRCLK.
PAEisresettoHIGHontheLOW-
DESCRIPTION (CONTINUED)
MASTER RESET (
MRS)
READ CLOCK (RCLK/RD*)
READ ENABLE (
REN)
OUTPUT ENABLE (
OE)
EMPTY FLAG/OUTPUT READY (
EF/OR)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
WRITE CLOCK (WCLK/WR*)
WRITE ENABLE (
WEN)
LOAD (
LD)
FULL FLAG/INPUT READY (
FF/IR)
PROGRAMMABLE ALMOST-FULL (
PAF)
PARTIAL RESET (
PRS)
FIRST WORD FALL THROUGH/
SERIAL INPUT (FWFT/SI)
RETRANSMIT (
RT)
4666 drw03
HALF-FULL FLAG (
HF)
SERIAL ENABLE(
SEN)
INPUT WIDTH (IW)
OUTPUT WIDTH (OW)
BIG-ENDIAN/LITTLE-ENDIAN (
BE)
INTERSPERSED/
NON-INTERSPERSED PARITY (IP)
BUS-
MATCHING
(BM)
SERIAL CLOCK (SCLK)
(x9 or x18) DATA OUT (Q0 - Qn)
(x9 or x18) DATA IN (D0 - Dn)
IDT
72V223
72V233
72V243
72V253
72V263
72V273
72V283
72V293
Figure 1. Single Device Configuration Signal Flow Diagram


Similar Part No. - IDT72VL15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01L15J IDT-IDT72V01L15J Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT72VL15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com