Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1208T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEA1208T
Description  High efficiency DC/DC converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1208T Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA1208T Datasheet HTML 1Page - NXP Semiconductors TEA1208T Datasheet HTML 2Page - NXP Semiconductors TEA1208T Datasheet HTML 3Page - NXP Semiconductors TEA1208T Datasheet HTML 4Page - NXP Semiconductors TEA1208T Datasheet HTML 5Page - NXP Semiconductors TEA1208T Datasheet HTML 6Page - NXP Semiconductors TEA1208T Datasheet HTML 7Page - NXP Semiconductors TEA1208T Datasheet HTML 8Page - NXP Semiconductors TEA1208T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2002 Nov 15
3
Philips Semiconductors
Product specification
High efficiency DC/DC converter
TEA1208T
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Voltage levels
UP CONVERSION; pin U/D = LOW
VI
input voltage
VI(start)
5.50
V
VO
output voltage
2.80
5.50
V
VI(start)
start-up input voltage
IL < 62 mA
1.40
1.60
1.85
V
DOWN CONVERSION; pin U/D = HIGH
VI
input voltage
2.80
5.50
V
VO
output voltage
1.30
5.50
V
GENERAL
Vfb
feedback voltage
1.19
1.24
1.29
V
Current levels
Iq
quiescent current on pin 3
down conversion;
VI = 3.6 V
52
65
72
µA
Ishdwn
current in shut-down state
210
µA
ILX
maximum continuous current on pin 4
Tamb =80 °C
−−
0.30
A
∆I
lim
current limit deviation
Ilim = 0.5 to 2.5 A
up conversion
−17.5
+17.5
%
down conversion
−17.5
+17.5
%
Power MOSFETs
RDSon
drain-to-source on-state resistance
N-type
0.10
0.20
0.30
P-type
0.10
0.22
0.35
Efficiency
η
1
efficiency up conversion
VI = 3.6 V; VO = 4.6 V;
L1 = 10
µH
IL =1mA
88
%
IL = 200 mA
95
%
η
2
efficiency down conversion
VI = 3.6 V; VO = 2.0 V;
L1 = 10
µH
IL =1mA
86
%
IL = 200 mA
93
%
Timing
fsw
switching frequency
PWM mode
220
275
330
kHz
fsync
synchronization clock input frequency
4
6.5
20
MHz
tres
response time
from standby to P0(max)
50
−µs


Similar Part No. - TEA1208T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1200TS PHILIPS-TEA1200TS Datasheet
104Kb / 24P
   0.95 V starting DC-to-DC converter with low battery indicator
2002 May 14
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1202 PHILIPS-TEA1202 Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1204 PHILIPS-TEA1204 Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
More results

Similar Description - TEA1208T

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
   High-Efficiency, Bootstrapped DC/DC Converter
logo
Toshiba Semiconductor
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
   High-Efficiency DC/DC Converter Applications
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
   High-Efficiency DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com