Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX207IDW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MAX207IDW
Description  5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX207IDW Datasheet(HTML) 9 Page - Texas Instruments

Back Button MAX207IDW Datasheet HTML 5Page - Texas Instruments MAX207IDW Datasheet HTML 6Page - Texas Instruments MAX207IDW Datasheet HTML 7Page - Texas Instruments MAX207IDW Datasheet HTML 8Page - Texas Instruments MAX207IDW Datasheet HTML 9Page - Texas Instruments MAX207IDW Datasheet HTML 10Page - Texas Instruments MAX207IDW Datasheet HTML 11Page - Texas Instruments MAX207IDW Datasheet HTML 12Page - Texas Instruments MAX207IDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MAX207
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS592B − OCTOBER 2003 − REVISED JANUARY 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
100
150
200
50
0
1.5
1.0
0.5
0.0
VHBM = 2 kV
DUT = 10-V, 1-
Ω Zener Diode
Time − ns
Figure 6. Typical HBM Current Waveform
Machine Model
The Machine Model (MM) ESD test applies to all pins using a 200-pF capacitor with no discharge resistance.
The purpose of the MM test is to simulate possible ESD conditions that can occur during the handling and
assembly processes of manufacturing. In this case, ESD protection is required for all pins, not just RS-232 pins.
However, after PC board assembly, the MM test no longer is as pertinent to the RS-232 pins.


Similar Part No. - MAX207IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX207IDW TI-MAX207IDW Datasheet
260Kb / 13P
[Old version datasheet]   5-V MUL TICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX207IDW TI-MAX207IDW Datasheet
246Kb / 14P
[Old version datasheet]   5-V MUL TICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX207IDWE4 TI-MAX207IDWE4 Datasheet
246Kb / 14P
[Old version datasheet]   5-V MUL TICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX207IDWR TI-MAX207IDWR Datasheet
260Kb / 13P
[Old version datasheet]   5-V MUL TICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX207IDWR TI-MAX207IDWR Datasheet
246Kb / 14P
[Old version datasheet]   5-V MUL TICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
More results

Similar Description - MAX207IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com