Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX232ECPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MAX232ECPW
Description  Dual RS-232 Driver and Receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232ECPW Datasheet(HTML) 5 Page - Texas Instruments

  MAX232ECPW Datasheet HTML 1Page - Texas Instruments MAX232ECPW Datasheet HTML 2Page - Texas Instruments MAX232ECPW Datasheet HTML 3Page - Texas Instruments MAX232ECPW Datasheet HTML 4Page - Texas Instruments MAX232ECPW Datasheet HTML 5Page - Texas Instruments MAX232ECPW Datasheet HTML 6Page - Texas Instruments MAX232ECPW Datasheet HTML 7Page - Texas Instruments MAX232ECPW Datasheet HTML 8Page - Texas Instruments MAX232ECPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
MAX232E
www.ti.com
SLLS723C – APRIL 2006 – REVISED AUGUST 2016
Product Folder Links: MAX232E
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)(2)(3)
MAX232E
UNIT
D
(SOIC)
DW
(SOIC)
N
(PDIP)
PW
(TSSOP)
16 PINS
16 PINS
16 PINS
16 PINS
ψJT
Junction-to-top characterization parameter
5.8
9.4
14.4
1.4
°C/W
ψJB
Junction-to-board characterization parameter
31.1
37.7
23.2
46.6
°C/W
(1)
Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
6.5 Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 10)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
ICC
Supply current
VCC = 5.5 V
All outputs open, TA = 25°C
8
10
mA
(1)
Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
(3)
The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for logic
voltage levels only.
(4)
Not more than one output should be shorted at a time.
6.6 Electrical Characteristics: Driver
over recommended ranges of supply voltage and operating free-air temperature range
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
DOUT
RL = 3 kΩ to GND
5
7
V
VOL
Low-level output voltage(3)
DOUT
RL = 3 kΩ to GND
–7
–5
V
ro
Output resistance
DOUT
VS+ = VS– = 0,
VO = ±2 V
300
Ω
IOS
(4)
Short-circuit output current
DOUT
VCC = 5.5 V,
VO = 0
±10
mA
IIS
Short-circuit input current
DIN
VI = 0
200
µA
(1)
Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
6.7 Electrical Characteristics: Receiver
over recommended ranges of supply voltage and operating free-air temperature range
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VOH
High-level output voltage
ROUT
IOH = –1 mA
3.5
V
VOL
Low-level output voltage
ROUT
IOL = 3.2 mA
0.4
V
VIT+
Receiver positive-going input threshold voltage
RIN
VCC = 5 V
TA = 25°C
1.7
2.4
V
VIT–
Receiver negative-going input threshold voltage
RIN
VCC = 5 V
TA = 25°C
0.8
1.2
V
Vhys
Input hysteresis voltage
RIN
VCC = 5 V
0.2
0.5
1
V
ri
Receiver input resistance
RIN
VCC = 5 V
TA = 25°C
3
5
7
(1)
Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V.
6.8 Switching Characteristics: Driver
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
SR
Driver slew rate
RL = 3 kΩ to 7 kΩ, See Figure 6
30
V/µs
SR(t)
Driver transition region slew rate
RL = 3 kΩ, CL = 2.5 nF
See Figure 7
3
V/µs
Data rate
One DOUT switching
250
kbit/s


Similar Part No. - MAX232ECPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232ECPW TI-MAX232ECPW Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232ECPW TI-MAX232ECPW Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPW TI-MAX232ECPW Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPW TI-MAX232ECPW Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPWG4 TI-MAX232ECPWG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
More results

Similar Description - MAX232ECPW

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com