Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318 Datasheet(PDF) 9 Page - Texas Instruments

Part # MAX3318
Description  TRANSCEIVER WITH ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3318 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MAX3318_15 Datasheet HTML 5Page - Texas Instruments MAX3318_15 Datasheet HTML 6Page - Texas Instruments MAX3318_15 Datasheet HTML 7Page - Texas Instruments MAX3318_15 Datasheet HTML 8Page - Texas Instruments MAX3318_15 Datasheet HTML 9Page - Texas Instruments MAX3318_15 Datasheet HTML 10Page - Texas Instruments MAX3318_15 Datasheet HTML 11Page - Texas Instruments MAX3318_15 Datasheet HTML 12Page - Texas Instruments MAX3318_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
14
1
10
15
20
9
GND
18
13
6
5
4
2
RIN1 16
DOUT2 8
V−
7
V+
3
19
2.5 V
5k
5k
RS-232-Compatible
Outputs
RS-232-Compatible
Inputs
To Power-Management Unit
Auto-Power-
Down Plus
C1+
C1−
C2+
C2−
DIN1
DIN2
ROUT1
READY
FORCEON
17
RIN2
11
INVALID
FORCEOFF
0.1 mF
+
+
+
+
+
C3
0.1 mF
C4
0.1 mF
C1
0.1 mF
C2
0.1 mF
CBYPASS
VCC
12
ROUT2
DOUT1
RIN1
VCC
MAX3318
www.ti.com
SLLS687A – OCTOBER 2005 – REVISED OCTOBER 2013
PARAMETER MEASUREMENT INFORMATION
Figure 5. Typical Application Circuit
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: MAX3318


Similar Part No. - MAX3318_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3318CAP MAXIM-MAX3318CAP Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
logo
Texas Instruments
MAX3318CDB TI-MAX3318CDB Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318CDBE4 TI-MAX3318CDBE4 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318CDBR TI-MAX3318CDBR Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318CDBRE4 TI-MAX3318CDBRE4 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX3318_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
   ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
Sipex Corporation
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Texas Instruments
THVD1330 TI-THVD1330 Datasheet
1Mb / 26P
[Old version datasheet]   THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Texas Instruments
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Sipex Corporation
SP3203E SIPEX-SP3203E_05 Datasheet
116Kb / 16P
   3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
   Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
ON Semiconductor
NUF2101MT1 ONSEMI-NUF2101MT1 Datasheet
38Kb / 4P
   USB Filter with ESD Protection
March, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com