Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP227EI Datasheet(PDF) 3 Page - Texas Instruments

Part # MP227EI
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MP227EI Datasheet(HTML) 3 Page - Texas Instruments

  MP227EI Datasheet HTML 1Page - Texas Instruments MP227EI Datasheet HTML 2Page - Texas Instruments MP227EI Datasheet HTML 3Page - Texas Instruments MP227EI Datasheet HTML 4Page - Texas Instruments MP227EI Datasheet HTML 5Page - Texas Instruments MP227EI Datasheet HTML 6Page - Texas Instruments MP227EI Datasheet HTML 7Page - Texas Instruments MP227EI Datasheet HTML 8Page - Texas Instruments MP227EI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
DIN
DOUT
Auto-Powerdown
Plus
INVALID
RIN
FORCEOFF
FORCEON
ROUT
11
16
9
13
10
8
1
12
READY
MAX3227E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS715A – FEBRUARY 2006 – REVISED JUNE 2007
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
C1+
2
Positive terminal of voltage-doubler charge-pump capacitor
C1–
4
Negative terminal of voltage-doubler charge-pump capacitor
C2+
5
Positive terminal of inverting charge-pump capacitor
C2–
6
Negative terminal of inverting charge-pump capacitor
DIN
11
CMOS driver input
DOUT
13
RS-232 driver output
Force-off input, active low. Drive low to shut down drivers, receivers, and charge pump. This overrides auto-shutdown
FORCEOFF
16
and FORCEON (see Function Table).
Force-on input, active high. Drive high to override powerdown, keeping drivers and receivers on (FORCEOFF must
FORCEON
12
be high) (see Function Table).
GND
14
Ground
INVALID
10
Valid signal detector output, active low. A logic high indicates that a valid RS-232 level is present on a receiver input.
Ready to transmit output, active high. READY is enabled high when V– goes below –3.5 V and the device is ready to
READY
1
transmit.
RIN
8
RS-232 receiver input
ROUT
9
CMOS receiver output
V+
3
+2
× V
CC generated by the charge pump
V–
7
–2
× V
CC generated by the charge pump
VCC
15
3-V to 5.5-V single-supply voltage
LOGIC DIAGRAM (POSITIVE LOGIC)
3
Submit Documentation Feedback


Similar Part No. - MP227EI

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
   1.8A, 24V, 700kHz Step-Down Converter
MP2270DH MPS-MP2270DH Datasheet
411Kb / 10P
   1.8A, 24V, 700kHz Step-Down Converter
MP2276 MPS-MP2276 Datasheet
1Mb / 23P
   8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
MP2276GD MPS-MP2276GD Datasheet
1Mb / 23P
   8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
MP2276GD MPS-MP2276GD Datasheet
1Mb / 8P
   High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
More results

Similar Description - MP227EI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
[Old version datasheet]   5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com