Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3227IDBG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # MAX3227IDBG4
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3227IDBG4 Datasheet(HTML) 1 Page - Texas Instruments

  MAX3227IDBG4 Datasheet HTML 1Page - Texas Instruments MAX3227IDBG4 Datasheet HTML 2Page - Texas Instruments MAX3227IDBG4 Datasheet HTML 3Page - Texas Instruments MAX3227IDBG4 Datasheet HTML 4Page - Texas Instruments MAX3227IDBG4 Datasheet HTML 5Page - Texas Instruments MAX3227IDBG4 Datasheet HTML 6Page - Texas Instruments MAX3227IDBG4 Datasheet HTML 7Page - Texas Instruments MAX3227IDBG4 Datasheet HTML 8Page - Texas Instruments MAX3227IDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
APPLICATIONS
DB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
READY
C1+
V+
C1−
C2+
C2−
V−
RIN
FORCEOFF
VCC
GND
DOUT
FORCEON
DIN
INVALID
ROUT
DESCRIPTION/ORDERING INFORMATION
MAX3227
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS673A – AUGUST 2005 – REVISED FEBRUARY 2006
Battery-Powered, Hand-Held, and Portable
Meets or Exceeds the Requirements of
Equipment
TIA/EIA-232-F and ITU v.28 Standards
PDAs and Palmtop PCs
Operates With 3-V to 5.5-V VCC Supply
Notebooks, Sub-Notebooks, and Laptops
Operates at Least 1 Mbit/s
Digital Cameras
Low Standby Current . . . 1
µA Typ
Mobile Phones and Wireless Devices
External Capacitors . . . 4
× 0.1 µF
Accepts 5-V Logic Input With 3.3-V Supply
Designed to Be Interchangeable With Maxim™
MAX3227
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection for RS-232 I/O Pins
±15 kV – Human-Body Model
±8 kV – IEC61000-4-2, Contact Discharge
±8 kV – IEC61000-4-2, Air-Gap Discharge
Auto-Powerdown Plus Feature Automatically
Disables Drivers for Power Savings
Packaged in Plastic Shrink Small-Outline
Package
The MAX3227 consists of one line driver, one line receiver, and a dual charge-pump circuit with
±15-kV ESD
protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 3-V to
5.5-V supply. This device operates at data-signaling rates of 1 Mbit/s in normal operating mode and a maximum
of 30-V/
µs driver output slew rate. This device also features a logic-level output (READY) that asserts when the
charge pump is regulating and the device is ready to begin transmitting.
The MAX3227 achieves a 1-
µA supply current using the auto-powerdown plus feature. This device automatically
enters a low-power powerdown mode when the RS-232 cable is disconnected or the drivers of the connected
peripherals are inactive for more than 30 s. They turn on again when they sense a valid transition at any driver or
receiver input. Auto-powerdown saves power without changes to the existing BIOS or operating system.
The MAX3227C is characterized for operation from 0
°C to 70°C. The MAX3227I is characterized for operation
from –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
SHRINK SMALL OUTLINE
(DB)(1)
0
°C to 70°C
MAX3227CDB
–40
°C to 85°C
MAX3227IDB
(1)
The DB package is available taped and reeled. Add the suffix R to
device type (e.g., MAX3227CDBR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX3227IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3227IDB TI-MAX3227IDB Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3227IDBE4 TI-MAX3227IDBE4 Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3227IDBR TI-MAX3227IDBR Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3227IDBRE4 TI-MAX3227IDBRE4 Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX3227IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
[Old version datasheet]   5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com